Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGB1040805MR Datasheet(PDF) 2 Page - Littelfuse

Part # PGB1040805MR
Description  PGB1 Series Lead-Free 0805 ESD Suppressor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PGB1040805MR Datasheet(HTML) 2 Page - Littelfuse

  PGB1040805MR Datasheet HTML 1Page - Littelfuse PGB1040805MR Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PulseGuard® Suppressors
Surface Mount Polymeric ESD Suppressors
207
www .littelfuse .com
+
+
++
+
+
+
T
w
D
s
P
h
D
d
P
s
P
w
P
d
C
t
T
t
Carrier Tape Specifications
Parts are delivered on 7" (178mm) reel, paper carrier tape
DESCRIPTION
Ct - Cover tape thickness
Dd - Drive hole diameter
Ds - Drive hole spacing
Pd - Pocket depth
Ph - Pocket height
Ps - Pocket spacing
Pw - Pocket width
Tt - Carrier tape thickness
Tw - Carrier tape width
MEASUREMENT (MM)
0.06
1.50
4.00
0.58
2.21
4.00
1.45
0.65
8.00
** Note: 1,000 fF = 1 pF
Frequency (GHz)
60
50
1.0
70
40
2.0
1.5
0.5
Capacitance vs. Frequency
Electrical Characteristics
ESD Capability
IEC 61000-4-2 Direct Discharge ....................................................8kV
IEC 61000-4-2 Air Discharge .......................................................15kV
Trigger Voltage
1 .....................................................................500 V, typical
Clamping Voltage
1..................................................................150V, typical
Rated Voltage ........................................................................24VDC, max
Capacitance
2................................................................................0.055 pF
Response Time
1 ................................................................................< 1ns
Leakage Current
3 .............................................................................< 1nA
ESD Pulse Withstand
4 ..........................................1,000 pulses, minimum
Notes:
1. Trigger and clamping voltage measured per IEC 61000-4-2, 8kV direct
discharge method.
2. Capacitance measured at 1MHZ.
3. Leakage current measured at 6VDC.
4. Pulse Withstand- some shifting in characteristics may occur when tested
over multiple pulses at a very rapid rate.
Environmental Specifications
Operating Temperature: -65°C to +125°C.
Moisture Resistance, steady state: MIL-STD-833, method 1004.7,
85% RH, 85°C, 1000hrs.
Thermal Shock: MIL-STD-202, Method 107G, -65°C to 125°C,
30 min cycle, 10 cycles.
Vibration: MIL-STD-202F, Method 201A, (10 to 55 to 10Hz,
1 min. cycle, 2grs each in X-Y-Z)
Chemical Resistance: ASTM D-543, 4hrs @ 40°C, 3 solutions (H2O,
detergent solution, defluxer)
Solder leach resistance and terminal adhesion: Per EIA-576
test
Physical Specifications
Materials:
Body: Glass Epoxy
Terminations: 100% Copper/Nickel/Tin
Solderability: MIL-STD-202, Method 208 (95% coverage)
Soldering Parameters:
Wave Solder – 260°C, 10 seconds maximum.
Reflow Solder – 260°C, 30 seconds maximum.
Packaging Specifications
8mm Tape and Reel per EIA-RS481-1 (IEC 286, part3); 1,000 pieces per
reel, add packaging suffix, MR; 5,000 per reel, add packaging suffix NR.
PGB1 Series Lead-Free 0805 ESD Suppressor
Pb
RoHS
4


Similar Part No. - PGB1040805MR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
699Kb / 4P
   Surface Mount Polymeric ESD Suppressors
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
466Kb / 4P
   Low leakage current, Fast response time
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
More results

Similar Description - PGB1040805MR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB1010603MR LITTELFUSE-PGB1010603MR Datasheet
104Kb / 2P
   PGB1 Series Lead-Free 0603 Surface Mount ESD Suppressor
PGB1010603MR LITTELFUSE-PGB1010603MR Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
PGB1010402 LITTELFUSE-PGB1010402_12 Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
logo
Wurth Elektronik GmbH &...
82350120101 WURTH-82350120101 Datasheet
353Kb / 4P
   0805 ESD Suppressor
82350120560 WURTH-82350120560 Datasheet
353Kb / 4P
   0805 ESD Suppressor
logo
Littelfuse
PGB0040805 LITTELFUSE-PGB0040805 Datasheet
115Kb / 3P
   PGB Series 0805 Surface Mount ESD Suppressor
logo
Cooper Bussmann, Inc.
0402ESDA-MLP7 COOPER-0402ESDA-MLP7 Datasheet
388Kb / 2P
   MLP Series ESD Suppressor
logo
Cyntec Co., Ltd.
HPFR12S CYNTEC-HPFR12S Datasheet
1,018Kb / 8P
   2/5W, 0805, High Power Chip Resistor (Lead free / Halogen Free)
logo
Cooper Bussmann, Inc.
0603ESDA-MLP7 COOPER-0603ESDA-MLP7 Datasheet
134Kb / 2P
   MLP Series ESD Suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE0505C015FR ICT-ULCE0505C015FR Datasheet
90Kb / 5P
   ESD Suppressor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com