Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE47A Datasheet(PDF) 4 Page - Littelfuse

Part # P4KE47A
Description  Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P4KE47A Datasheet(HTML) 4 Page - Littelfuse

  P4KE47A Datasheet HTML 1Page - Littelfuse P4KE47A Datasheet HTML 2Page - Littelfuse P4KE47A Datasheet HTML 3Page - Littelfuse P4KE47A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Silicon Avalanche Diodes
285
www .littelfuse .com
6
400W Axial Leaded Transient Voltage Supressors
P4KE Series
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.107(2.7)
0.080(2.0)
DIA.
All dimensions in inches and (millimeters)
0.034(0.86)
0.028(0.71)
DIA.
0.205(5.2)
0.160(4.1)
DO-204AL
(DO-41 Plastic)
®
RoHS
Package Outline Dimensions


Similar Part No. - P4KE47A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE47A PANJIT-P4KE47A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE47A TSC-P4KE47A Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Littelfuse
P4KE47A LITTELFUSE-P4KE47A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Diotec Semiconductor
P4KE47A DIOTEC-P4KE47A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Zibo Seno Electronic En...
P4KE47A ZSELEC-P4KE47A Datasheet
261Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - P4KE47A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
SMAJ5.0A LITTELFUSE-SMAJ5.0A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P4SMA6.8A LITTELFUSE-P4SMA6.8A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   1500W Axial Leaded Transient Voltage Supressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
SUNMATE electronic Co.,...
P4KE6.8CA SUNMATE-P4KE6.8CA Datasheet
122Kb / 4P
   400W Axial Leaded Transient Voltage Suppressrs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com