Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1500ME Datasheet(PDF) 1 Page - Littelfuse

Part # P1500ME
Description  CATV Line Amplifiers/Power Inserters ME SIDACtor Device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1500ME Datasheet(HTML) 1 Page - Littelfuse

  P1500ME Datasheet HTML 1Page - Littelfuse P1500ME Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CATV Line Amplifiers/Power Inserters ME SIDACtor Device
http://www.littelfuse.com
2 - 62
© 2004 Littelfuse, Inc.
+1 972-580-7777
SIDACtor® Data Book and Design Guide
CATV Line Amplifiers/Power Inserters ME
SIDACtor Device
This SIDACtor device is a 5000 A solid state protection device offered in a non-isolated
TO-218 package. It protects equipment located in the severe surge environment of CATV
(Community Antenna TV) applications.
In CATV line amplifiers and power inserters, this device can replace the gas tubes
traditionally used for station protection because SIDACtor devices have much tighter
voltage tolerances.
* For surge ratings, see table below.
** IT is a free air rating; heat sink IT rating is 25 A.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias and is a typical value.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps **
IH
mAmps
CO
pF
P1500ME
140
180
4
5
800
2.2/25
50
750
P1900ME
140
220
4
5
800
2.2/25
50
750
P2300ME
180
260
4
5
800
2.2/25
50
750
Surge Ratings
Series
IPP
8x20 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
E
5000
400
630
12


Similar Part No. - P1500ME

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1500MEL LITTELFUSE-P1500MEL Datasheet
151Kb / 2P
   CATV Line Amplifiers/Power Inserters 5 kA SIDACtor짰 Device
P1500MEL LITTELFUSE-P1500MEL Datasheet
134Kb / 4P
   Packaged in a robust TO-218 package, the 5kA Series is ideal for use in CATV amplifiers
P1500MEL LITTELFUSE-P1500MEL_11 Datasheet
134Kb / 4P
   Packaged in a robust TO-218 package, the 5kA Series is ideal for use in CATV amplifiers
More results

Similar Description - P1500ME

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1900NE LITTELFUSE-P1900NE Datasheet
124Kb / 2P
   CATV Line Amplifiers/Power Inserters NE SIDACtor Device
P1900RE LITTELFUSE-P1900RE Datasheet
124Kb / 2P
   CATV Line Amplifiers/Power Inserters RE SIDACtor Device
P1500REL LITTELFUSE-P1500REL Datasheet
150Kb / 2P
   CATV Line Amplifiers/Power Inserters 3 kA SIDACtor짰 Device
P1500MEL LITTELFUSE-P1500MEL Datasheet
151Kb / 2P
   CATV Line Amplifiers/Power Inserters 5 kA SIDACtor짰 Device
P1500NEL LITTELFUSE-P1500NEL Datasheet
150Kb / 2P
   CATV Line Amplifiers/Power Inserters 3 kA SIDACtor짰 Device
P1400AD LITTELFUSE-P1400AD Datasheet
121Kb / 2P
   CATV and HFC SIDACtor Device
logo
Teccor Electronics
P0080S TECCOR-P0080S Datasheet
423Kb / 2P
   SIDACtor Device
logo
List of Unclassifed Man...
P1100SBRP ETC2-P1100SBRP Datasheet
127Kb / 2P
   SIDACtor Device
logo
Littelfuse
P0080ECMCL LITTELFUSE-P0080ECMCL Datasheet
101Kb / 3P
   MicroCapacitance SIDACtor Device
P0640ECMC LITTELFUSE-P0640ECMC Datasheet
121Kb / 2P
   MicroCapacitance (MC) SIDACtor Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com