Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6SMBJ6V8 Datasheet(PDF) 5 Page - Littelfuse

Part No. P6SMBJ6V8
Description  Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P6SMBJ6V8 Datasheet(HTML) 5 Page - Littelfuse

  P6SMBJ6V8 Datasheet HTML 1Page - Littelfuse P6SMBJ6V8 Datasheet HTML 2Page - Littelfuse P6SMBJ6V8 Datasheet HTML 3Page - Littelfuse P6SMBJ6V8 Datasheet HTML 4Page - Littelfuse P6SMBJ6V8 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Silicon Avalanche Diodes
276
www .littelfuse .com
P6SMBJ 160 / P6SMBJ 160C
160 / 160C
130.0
144.00
176.00
1.0
5.0
230.0
2.6
3.5
P6SMBJ 160A / P6SMBJ 160CA
160A / 160CA
136.0
152.00
168.00
1.0
5.0
219.0
2.7
3.5
P6SMBJ 170 / P6SMBJ 170C
170 / 170C
138.0
153.00
187.00
1.0
5.0
244.0
2.5
3.5
P6SMBJ 170A / P6SMBJ 170CA
170A / 170CA
145.0
162.00
179.00
1.0
5.0
234.0
2.6
3.5
P6SMBJ 180 / P6SMBJ 180C
180 / 180C
146.0
162.00
198.00
1.0
5.0
258.0
2.3
3.5
P6SMBJ 180A / P6SMBJ 180CA
180A / 180CA
154.0
171.00
189.00
1.0
5.0
246.0
2.4
3.5
P6SMBJ 200 / P6SMBJ 200C
200 / 200C
162.0
180.00
220.00
1.0
5.0
287.0
2.1
3.5
P6SMBJ 200A / P6SMBJ 200CA
200A / 200CA
171.0
190.00
210.00
1.0
5.0
274.0
2.2
3.5
P6SMBJ 220 / P6SMBJ 220C
220 / 220C
175.0
198.00
242.00
1.0
5.0
344.0
1.8
3.5
P6SMBJ 220A / P6SMBJ 220CA
220A / 220CA
185.0
209.00
231.00
1.0
5.0
328.0
1.8
3.5
Part
Device
Reverse
Breakdown
Maximum Maximum Maximum Maximum
Number
Code
Standoff
Voltage
Reverse
Clamping
Peak Pulse
Forward
Voltage
VBR (Volts) @ IT
Leakage
Voltage
Current
Voltage
VR
IR @ VR
VC @ IPP
IPP @ VC
(VF) @ IT
(Volts)
Min
Max
(mA)
(µA)
(Volts)
(A)
(Volts)
P6SMBJ Series
ELECTRICAL SPECIFICATION @ Tamb 25°C
Notes:
1. BV is measured using a pulse of 20 milliseconds or less.
2. VF, for Uni-directional devices, is measured using a 300 microsecond square wave pulse IF = 50A
3. IR is doubled for Bi-directional devices only with VR equal or less than 10 volts.
600W Surface Mount Transient Voltage Sup
pressors
®


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn