Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6SMBJ6V8 Datasheet(PDF) 2 Page - Littelfuse

Part No. P6SMBJ6V8
Description  Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

P6SMBJ6V8 Datasheet(HTML) 2 Page - Littelfuse

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicon Avalanche Diodes
273
www .littelfuse .com
6
1
10
100
1000
10000
10
100
1000
Device Stand-off Voltage - Volts
Pico-
farads
@
Stand-off Voltage
Figure 1 - Capacitance
1 s
100w
500w
5kw
20kw
2kw
100kw
10 s
10 ms
100 s1 ms
Pulse Time (tp)
Pp
(kw)
Figure 2 - Peak Pulse Power vs. Pulse Time
P6SMBJ Series
600W Surface Mount Transient Voltage Sup
pressors
®


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn