Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT30200-1 Datasheet(PDF) 3 Page - Littelfuse

Part # LT30200-1
Description  Class T Fuse Blocks - 300 and 600 Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LT30200-1 Datasheet(HTML) 3 Page - Littelfuse

  LT30200-1 Datasheet HTML 1Page - Littelfuse LT30200-1 Datasheet HTML 2Page - Littelfuse LT30200-1 Datasheet HTML 3Page - Littelfuse LT30200-1 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
120
Class T Fuse Blocks
600 Volt
5.31"
[134.9]
[153.9]
2.36"
[6.0]
1.37
[34.8]
.203" [5.1]
DIA.HOLE
.69"
[17.5]
.37" [9.5]
C'BORE
5.31"
[134.9]
2.39"
[60.7]
4.78"
[121.4]
6.06"
[153.9]
3.09'"
[78.6]
1.41"
[35.7]
4.12"
[104.6]
2.75"
[69.8]
.69"
[17.5
]
.18"
[4.6]
1.87"
[47.5]
1 POLE
3 POLE
2 POLE
6.06'
3.13"
[79.4]
1.56"
[39.7]
.218" x .655"
[5.54 x 16.64]
SLOT 2 PLS.
.78"
[20]
3.38"
[85.7]
1.69"
[42.9]
2 POLE
1 POLE
1.81"
[46.0]
2.31"
[58.7]
.91"
[23.0]
.63"
[16]
1.74"
[44.2]
.218" x .655"
[5.54 x 16.64]
SLOT 2 PLS.
4.69"
[119]
1.56"
[39.7]
.78"
[20]
3.38"
[85.7]
1.69"
[42.9]
3 POLE
LT60030
LT60060
LT60100
3.13"
[79.4]
.91"
[23.0]
.33"
[8.3]
1.44"
[36.5]
.33"
[8.3]
.55"
[13.9]
1.56"
[39.7]
.218" x .655"
[5.54 x 16.64]
SLOT 2 PLS.
.78"
[20]
3.38"
[85.7]
1.69"
[42.9]
.218" x .655"
[5.54 x 16.64]
SLOT 2 PLS.
4.69"
[119]
1.56"
[39.7]
.78"
[20]
3.38"
[85.7]
1.69"
[42.9]
2 POLE
1 POLE
3 POLE
.62"
[15.9]
1.28"
[32.5]
3.19"
[81.0]


Similar Part No. - LT30200-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3020 LINER-LT3020 Datasheet
207Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT3020 LINER-LT3020 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LT3020 LINER-LT3020 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3020 LINER-LT3020 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
More results

Similar Description - LT30200-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
T30030-2SR COOPER-T30030-2SR Datasheet
503Kb / 4P
   Class T 300V open fuse blocks
logo
Eaton All Rights Reserv...
T600 EATON-T600 Datasheet
895Kb / 4P
   Class T 600V open fuse blocks
logo
Littelfuse
LFT300301 LITTELFUSE-LFT300301 Datasheet
2Mb / 6P
   LF SERIES CLASS T FUSE BLOCKS
Rev: 020122
logo
Eaton All Rights Reserv...
T300 EATON-T300 Datasheet
805Kb / 4P
   Class T 300V open fuse blocks
logo
Littelfuse
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
L60030M2SQ LITTELFUSE-L60030M2SQ Datasheet
167Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030C LITTELFUSE-L60030C Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com