Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCH132-3 Datasheet(PDF) 2 Page - Littelfuse

Part # LCH132-3
Description  POWR-BLOKS Distribution/Splicer Blocks and Covers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCH132-3 Datasheet(HTML) 2 Page - Littelfuse

  LCH132-3 Datasheet HTML 1Page - Littelfuse LCH132-3 Datasheet HTML 2Page - Littelfuse LCH132-3 Datasheet HTML 3Page - Littelfuse LCH132-3 Datasheet HTML 4Page - Littelfuse LCH132-3 Datasheet HTML 5Page - Littelfuse LCH132-3 Datasheet HTML 6Page - Littelfuse LCH132-3 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
115
1
#2 - #14
1
#10 - #18
4
2
LD1400-1
115
2
#2 - #14
1
#10 - #18
4
2
LD1400-2
115
3
#2 - #14
1
#10 - #18
4
2
LD1400-3
115
4
#2 - #14
1
#10 - #18
4
2
LD1400-4
175
2
2/0 - #14
1
#4 - #14
6
1
LD0401-2
175
3
2/0 - #14
1
#4 - #14
6
1
LD0401-3
175
2
2/0 - #14
1
#4 - #14
4
1
LD0402-2
175
3
2/0 - #14
1
#4 - #14
4
1
LD0402-3
310
2
350mcm - #6
1
#4 - #14
6
1
LD0404-2
310
3
350mcm - #6
1
#4 - #14
6
1
LD0404-3
175
1
2/0 - #14
1
#4 - #14
4
3
LD2570-1
175
2
2/0 - #14
1
#4 - #14
4
3
LD2570-2
175
3
2/0 - #14
1
#4 - #14
4
3
LD2570-3
175
1
2/0 - #14
1
#4 - #14
4
3
LD2970-1
175
2
2/0 - #14
1
#4 - #14
4
3
LD2970-2
175
3
2/0 - #14
1
#4 - #14
4
3
LD2970-3
335
1
400mcm - #6
1
#2 - #14
4
5
LD3552-1
335
2
400mcm - #6
1
#2 - #14
4
5
LD3552-2
335
3
400mcm - #6
1
#2 - #14
4
5
LD3552-3
335
1
400mcm - #6
1
#2 - #14
6
5
LD3553-1
335
2
400mcm - #6
1
#2 - #14
6
5
LD3553-2
335
3
400mcm - #6
1
#2 - #14
6
5
LD3553-3
350
1
2/0 - #14
2
#4 - #14
6
5
LD3555-1
350
2
2/0 - #14
2
#4 - #14
6
5
LD3555-2
350
3
2/0 - #14
2
#4 - #14
6
5
LD3555-3
380
1
500mcm - #4
1
#2 - #14
6
5
LD3953-1
380
2
500mcm - #4
1
#2 - #14
6
5
LD3953-2
380
3
500mcm - #4
1
#2 - #14
6
5
LD3953-3
350
1
2/0 - #14
2
#4 - #14
6
5
LD3955-1
350
2
2/0 - #14
2
#4 - #14
6
5
LD3955-2
350
3
2/0 - #14
2
#4 - #14
6
5
LD3955-3
380
1
500mcm - #4
1
#2 - #14
6
6
LD4551-1
380
2
500mcm - #4
1
#2 - #14
6
6
LD4551-2
380
3
500mcm - #4
1
#2 - #14
6
6
LD4551-3
335
1
400mcm - #6
1
#2 - #14
8
6
LD4560-1
335
2
400mcm - #6
1
#2 - #14
8
6
LD4560-2
335
3
400mcm - #6
1
#2 - #14
8
6
LD4560-3
380
1
500mcm - #4
1
#2 - #14
12
7
LD5552-1
380
2
500mcm - #4
1
#2 - #14
12
7
LD5552-2
380
3
500mcm - #4
1
#2 - #14
12
7
LD5552-3
380
1
500mcm - #4
1
2/0 - #14
6
7
LD5579-1
380
2
500mcm - #4
1
2/0 - #14
6
7
LD5579-2
380
3
500mcm - #4
1
2/0 - #14
6
7
LD5579-3
760
1
500mcm - #4
2
2/0 - #14
8
7
LD5586-1
760
2
500mcm - #4
2
2/0 - #14
8
7
LD5586-2
760
3
500mcm - #4
2
2/0 - #14
8
7
LD5586-3
665
1
500mcm - #4
1
2/0 - #14
4
7
LD5587-1
350mcm - #6
1
665
2
500mcm - #4
1
2/0 - #14
4
7
LD5587-2
350mcm - #6
1
665
3
500mcm - #4
1
2/0 - #14
4
7
LD5587-3
350mcm - #6
1
135
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
Distribution Block Selection Guide
POWR-BLOKS
Distribution/Splicer Blocks and Covers
Connector
Configuration
Amp
Rating
per Pole
Number
of Poles
Line
Load
Mat’l
Line
Load
Wire Range
Wire Range
Openings
per Pole
Openings
per Pole
Figure
Littelfuse
Catalog
Number
AL
AL
AL
AL
AL
CU
AL
AL
AL
CU
CU
AL
AL
AL
AL
AL
AL


Similar Part No. - LCH132-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 05-Aug-13
logo
LUXPIA
LCH1035 LUXPIA-LCH1035 Datasheet
220Kb / 16P
   3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
More results

Similar Description - LCH132-3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFD25703Z LITTELFUSE-LFD25703Z Datasheet
1Mb / 8P
   Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
logo
Cooper Bussmann, Inc.
16000-2 COOPER-16000-2 Datasheet
1Mb / 4P
   Splicer blocks
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Littelfuse
GDB LITTELFUSE-GDB_V01 Datasheet
473Kb / 10P
   GDB SERIES TOUCH-SAFE POWR-BLOKS
Rev: 101319
BB18 LITTELFUSE-BB18 Datasheet
236Kb / 1P
   POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
1PH3P18MM LITTELFUSE-1PH3P18MM Datasheet
258Kb / 1P
   POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
logo
Marathon Special Produc...
135X702 MARATHON-135X702 Datasheet
216Kb / 4P
   POWER DISTRIBUTION BLOCK Splicer Type 135X702
REV-E 11/25/19
logo
Littelfuse
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
   POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
   Power Distribution Blocks
logo
Littelfuse
GDB LITTELFUSE-GDB Datasheet
368Kb / 10P
   Global Distribution Blocks
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com