Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F3305-ND Datasheet(PDF) 3 Page - Littelfuse

Part # F3305-ND
Description  Fuse Blocks and Clips - For 3AG Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

F3305-ND Datasheet(HTML) 3 Page - Littelfuse

  F3305-ND Datasheet HTML 1Page - Littelfuse F3305-ND Datasheet HTML 2Page - Littelfuse F3305-ND Datasheet HTML 3Page - Littelfuse F3305-ND Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fuse Blocks and Clips
490
www .littelfuse .com
For Various Diameter Fuses
ATO
® Fuse Clip P.C. Board Type
A
5.0
(.197")
1.3 (.051") DIA. 4 HOLES
RECOMMENDED MOUNTING PATTERN
4.5
(.18")
5.9
(.23")
4.1
(.16")
1.2
(.047")
8.2
(.32")
10.7
(.42")
3.5
(.14")
5.6
(.22")
A
5
(.197")
1.17 (.046") DIA. 4 HOLES
RECOMMENDED MOUNTING PATTERN
5.1
(.20")
7.1
(.28")
4.8
(.19")
3.8
(.15")
1.1
(.043")
2.0
(.08")
2.0
(.08")
.76
(.03")
1.8
(.07")
3.5
(.14")
Catalog
Clip
Number
Material
Finish
Style
111 501
Spring Brass
Tin-plated
Ear
111 506
Beryllium Copper
Tin-plated
Ear
111 505
Beryllium Copper
Tin-plated
Surface Mount
NOTE: Suitable for current levels up to 10 amperes.
NOTE: Metric dimensions are shown. Inch dimensions are in parentheses.
ORDERING INFORMATION:
For 5mm Diameter Fuses P.C. Board Type
Catalog
Clip
Number
Material
Finish
Style
100 054
Spring Brass
Silver-plated
Ear
100 056
Spring Brass
Tin-plated
Ear
NOTE: Spring brass clips are suitable for current levels up to 10 amperes.
NOTE: Metric dimensions are shown. Inch dimensions are in parentheses.
ORDERING INFORMATION:
For 2AG or 5mm Diameter Fuses P.C. Board Type
Catalog
Clip
Number
Material*
Finish
100 057
Spring Brass
Tin-plated
RECOMMENDED MOUNTING PATTERN
.200"
.200"
.167"
.096"
DIA.
HOLES (4)
.27"
REF.
.28"
REF.
.44"
REF.
.135"
MAX.
.12"
REF.
.06"
REF.
NOTE: #100 057 spring brass, tin-plated clips available for printed circuit board
mounting. Suitable for current levels up to 15 amperes. First time fuse insertion
force may approach 40 lbs.
Table 1
A Dim.
2AG
12.7 (.50")
5x20
17.8 (.70")
Fuse Size
A Dim.
5mm x 20mm
20.5 (.807")
5mm x 25mm
25.5 (1.004")
5mm x 30mm
31.0 (1.220")
A
5.0
(.197")
1.3 (.051") DIA. 4 HOLES
RECOMMENDED MOUNTING PATTERN
5.5
(.217")
Max 6.2
(.244")
4.5
(.177")
1.2
(.047")
10.4
(.409")
8
(.315")
For 5mm Diameter Fuses P.C. Board Type
Catalog
Clip
Number
Material
Finish
Style
0445 0001
Spring Brass
Tin-plated
Ear
0030 0210
Spring Brass
Nickel-plated
Ear
0520 0001
Spring Brass
Silver-plated
Ear
NOTE: Spring brass clips are suitable for current levels up to 10 amperes.
ORDERING INFORMATION:
Fuse Size
A Dim.
5mm x 20mm
20.5 (.807")
5mm x 25mm
25.5 (1.004")
5mm x 30mm
31.0 (1.220")
ORDERING INFORMATION:
Pb
RoHS
Pb
RoHS
Pb
RoHS
Pb
RoHS


Similar Part No. - F3305-ND

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F330 FOX-F330 Datasheet
102Kb / 2P
   HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F330A FOX-F330A Datasheet
235Kb / 2P
   HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F330AR FOX-F330AR Datasheet
235Kb / 2P
   HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F330R FOX-F330R Datasheet
102Kb / 2P
   HCMOS 3.2x2.5mm 3.3V SMD Oscillator
More results

Similar Description - F3305-ND

ManufacturerPart #DatasheetDescription
logo
Littelfuse
354 LITTELFUSE-354 Datasheet
100Kb / 1P
   Fuse Blocks and Clips - For 3AG Fuses
254 LITTELFUSE-254 Datasheet
102Kb / 1P
   Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
354001-GY LITTELFUSE-354001-GY Datasheet
703Kb / 1P
   Fuse Blocks and Clips
154062 LITTELFUSE-154062 Datasheet
153Kb / 1P
   FUSE BLOCKS AND CLIPS
354000 LITTELFUSE-354000 Datasheet
99Kb / 1P
   Fuse Blocks and Clips
01110005MR LITTELFUSE-01110005MR Datasheet
136Kb / 1P
   Fuse Blocks and Clips
01000058Z LITTELFUSE-01000058Z Datasheet
303Kb / 4P
   Fuse Blocks and Clips
L60030M-1C LITTELFUSE-L60030M-1C Datasheet
122Kb / 1P
   Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
124 LITTELFUSE-124 Datasheet
367Kb / 2P
   High Current Cartridge Fuse Clips 124 Series > For For 10x38mm & 3AG/3AB Fuses
Revised: BA.08/24/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com