Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74VHC126 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC74VHC126
Description  Quad Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC74VHC126 Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74VHC126
http://onsemi.com
5
MARKING DIAGRAMS
(Top View)
14–LEAD SOIC
D SUFFIX
CASE 751A
14–LEAD TSSOP
DT SUFFIX
CASE 948G
13
14
12
11
10
9
8
2
1
345
67
13
14
12 11 10
9
8
2
1
34567
14–LEAD SOIC EIAJ
M SUFFIX
CASE 965
13
14
12
11
10
9
8
2
1
345
67
VHC126
VHC
AWLYWW*
126
ALYW*
*See Applications Note #AND8004/D for date code and traceability information.
VHC126
AWLYWW*


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC74VHCT125AQuad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
MC74VHCT126AQuad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
TC74LVX125FQUAD BUS BUFFER 1 2 3 4 5 MoreToshiba Semiconductor
M74HCT125B1RQUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
TC74VCX125FTLOW-VOLTAGE QUAD BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
M74HC126QUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M54HC125RAD-HARD QUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
MC74VHC125Quad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
NLSF3T12Quad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
TC74LCX125FLOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn