Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74VHC126 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC74VHC126
Description  Quad Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC74VHC126 Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
April, 2000 – Rev. 1
1
Publication Order Number:
MC74VHC126/D
MC74VHC126
Quad Bus Buffer
with 3–State Control Inputs
The MC74VHC126 is a high speed CMOS quad bus buffer
fabricated with silicon gate CMOS technology. It achieves
noninverting high speed operation similar to equivalent Bipolar
Schottky TTL while maintaining CMOS low power dissipation.
The MC74VHC126 requires the 3–state control input (OE) to be set
Low to place the output into high impedance.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output. The
inputs tolerate voltages up to 7V, allowing the interface of 5V systems
to 3V systems.
High Speed: tPD = 3.8ns (Typ) at VCC = 5V
Low Power Dissipation: ICC = 4µA (Max) at TA = 25°C
High Noise Immunity: VNIH = VNIL = 28% VCC
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Designed for 2V to 5.5V Operating Range
Low Noise: VOLP = 0.8V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300mA
ESD Performance: HBM > 2000V; Machine Model > 200V
Chip Complexity: 72 FETs or 18 Equivalent Gates
LOGIC DIAGRAM
Active–High Output Enables
FUNCTION TABLE
VHC126
Inputs
Output
AOE
Y
HH
H
LH
L
XL
Z
Y1
Y2
Y4
3
6
8
11
13
12
10
9
4
5
1
2
A1
OE1
A2
OE2
A3
OE3
A4
OE4
Y3
14–LEAD SOIC
D SUFFIX
CASE 751A
http://onsemi.com
14–LEAD TSSOP
DT SUFFIX
CASE 948G
PIN CONNECTION AND
MARKING DIAGRAM (Top View)
Device
Package
Shipping
ORDERING INFORMATION
MC74VHC126D
SOIC
55 Units/Rail
MC74VHC126DT
TSSOP
96 Units/Rail
14–LEAD SOIC EIAJ
M SUFFIX
CASE 965
MC74VHC126M
SOIC EIAJ
50 Units/Rail
For detailed package marking information, see the Marking
Diagram section on page 5 of this data sheet.
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OE3
Y4
A4
OE4
VCC
Y3
A3
OE2
Y1
A1
OE1
GND
Y2
A2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC74VHCT125AQuad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
MC74VHCT126AQuad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
TC74LVX125FQUAD BUS BUFFER 1 2 3 4 5 MoreToshiba Semiconductor
M74HCT125B1RQUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
TC74VCX125FTLOW-VOLTAGE QUAD BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
M74HC126QUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M54HC125RAD-HARD QUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
MC74VHC125Quad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
NLSF3T12Quad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
TC74LCX125FLOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn