Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X223-XX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # X223-XX
Description  X200 SERIES (CMOS) STANDARD SPECFITIONS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X223-XX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  X223-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
X200 SERIES (CMOS)
STANDARD SPECIFICATIONS
FREQUENCY RANGE
1.5 Hz to 12 MHz
FREQUENCY ACCURACY @ + 25
oC+ 0.0015% ( + 15 PPM )
FREQUECY STABILITY Vs. TEMPERATURE
See Options Below
OPERATING TEMPERATURE RANGE
See Options Below
INPUT VOLTAGE ( See note below )
+ 5 VDC to + 15 VDC + 10%
INPUT CURRENT
5 mA Max. @
+ 5 VDC
25 mA Max. @ + 15 VDC
OUTPUT
CMOS
LOAD
200 K
Ω in parallel with 50 pf
SYMMETRY
60/40% @ 50% Output Level
RISE & FALL TIMES
150 nS Max. @
+ 5 VDC
( 10% to 90% Output Level )
50 nS Max. @ + 15 VDC
START-UP TIME
< 10 MHz
20 mS Max.
> 10 MHz
15 mS Max.
FREQUENCY STABILITY Vs. VOLTAGE
+ 0.0005% ( + 5 PPM ) Max.
( for 10% change in Voltage )
AGING @ +25
oC+ 0.0005% ( + 5 PPM ) / year Max.
Contact Xsis Engineering for special requirements such as, Output Symmetry, Start-up Time, Frequency Accuracy,
Complementary Outputs, Multiple Outputs, etc.
ORDERING INFORMATION ( Select from options below ) :
FREQUENCY
2
Frequency Stability
1 = + 0.1%
2 = + 0.05%
3 = + 0.01%
4 = + 0.005%
5 = + 0.002%
*
* Option 5 not available for - 55 oC to +125 oC
EXAMPLE:
X243 - 883B - 4.000 MHz = 14 Pin Package with “X” Pinout, CMOS, + 0.005% over
-55
oC to +125 oC, Mil-Screened , and 20.000 MHz
1 =
0
oC to + 70 oC
2 = - 30
oC to + 85 oC
3 = - 55
oC to +125 oC
Operating Temperature Range
Add Suffix “883B” for Mil-Screened Option
Xsis Electronics, Inc. 12620 W. 63rd St., Shawnee, KS 66216 Tel. 913-631-0448 Fax. 913-631-1170 email xsis@xsis.com
05/00
X
Pin Connections
14
B+
7
GND
8
OUTPUT
All Others
N/C
( Similar to M55310/18 )
PACKAGE, SEAL & LEAD FINISH
Conforms with the Requirements of MIL-PRF-55310
Note: Input Voltage must be specified for 200 Series CMOS parts, minimum input voltage required depends upon
output frequency and operating temperature range. Consult factory for your specific application.
Pin 1 is identified
with a Sq. Corner
0.105”
0.095”
0.250”
0.200”
0.020”
0.016”
0.200” Max.
0.305”
0.295”
0.305”
0.295”
0.507”
Max.
0.254”
Max.
0.439”
Max.
0.605”
0.595”
0.877”
Max.
0.155”
0.145”
1
7
8
14


Similar Part No. - X223-XX

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
X223-133.33M CONNOR-WINFIELD-X223-133.33M Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVCMOS Clock Oscillator Series
More results

Similar Description - X223-XX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
logo
Aplus Intergrated Circu...
AIVR8511 APLUS-AIVR8511 Datasheet
194Kb / 7P
   Standard CMOS process
AP8921A APLUS-AP8921A Datasheet
210Kb / 17P
   Standard CMOS process
logo
PHOENIX CONTACT
2903805 PHOENIX-2903805 Datasheet
181Kb / 6P
   SMS relay - TC MOBILE I/O X200
logo
Aplus Intergrated Circu...
AP89021 APLUS-AP89021 Datasheet
211Kb / 18P
   Standard CMOS process
AP8942A APLUS-AP8942A Datasheet
274Kb / 18P
   Standard CMOS process
AP89042 APLUS-AP89042 Datasheet
248Kb / 19P
   Standard CMOS process
AP89341 APLUS-AP89341 Datasheet
308Kb / 24P
   Standard CMOS process
AIVR1004 APLUS-AIVR1004_10 Datasheet
201Kb / 8P
   Standard CMOS process.
logo
PHOENIX CONTACT
1038567 PHOENIX-1038567 Datasheet
2Mb / 12P
   SMS relay - TC MOBILE I/O X200-4G
12/24/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com