Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1T1105A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # USB1T1105A
Description  Universal Serial Bus Peripheral Transceiver with Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

USB1T1105A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  USB1T1105A Datasheet HTML 1Page - Fairchild Semiconductor USB1T1105A Datasheet HTML 2Page - Fairchild Semiconductor USB1T1105A Datasheet HTML 3Page - Fairchild Semiconductor USB1T1105A Datasheet HTML 4Page - Fairchild Semiconductor USB1T1105A Datasheet HTML 5Page - Fairchild Semiconductor USB1T1105A Datasheet HTML 6Page - Fairchild Semiconductor USB1T1105A Datasheet HTML 7Page - Fairchild Semiconductor USB1T1105A Datasheet HTML 8Page - Fairchild Semiconductor USB1T1105A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500911
www.fairchildsemi.com
January 2005
Revised August 2005
USB1T1105A
Universal Serial Bus Peripheral Transceiver
with Voltage Regulator
General Description
The USB1T1105A is an Universal Serial Bus Specification Rev
2.0 compliant transceiver. The device provides an USB inter-
face
for
Full-Speed
(12Mbit/s)
USB
applications.
The
USB1T1105A provides excellent flexibility, allowing differential
and single ended inputs while an integrated voltage regulator
sets the I/O level to 1.65V to 3.6V. Utilizing an integrated 5.0V to
3.3V voltage regulator, the part can be powered directly from
the USB host (VBUS) to minimize the power consumed from the
local sources while used in devices with low supply voltages.
The USB1T1105A provides 15kV ESD protection on the USB
bus pins (D
/D). This eliminates the need for any external ESD
devices while providing excellent protection to larger and more
expensive ASICs and USB controllers.
Features
O Complies with Universal Serial Bus Specification 2.0
O Integrated 5V to 3.3V voltage regulator for powering VBus
O Utilizes digital inputs and outputs to transmit and receive
USB cable data
O Supports full speed 12Mbits/s speed data rates
O Ideal for portable electronic devices
O 15kV contact HBM ESD protection on bus pins
O 3.3mm leadless package
O Industry standard HBCC footprint is lead-free
Applications
O Cell phone
O PDA
O Digital camera
O MP3
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
Logic Diagram
Order Number
Package
Number
Package Description
USB1T1105AMHX
MLP16HB
Pb-Free 16-Terminal Molded Leadless Package (MHBCC), JEDEC MO-217, 3mm Square


Similar Part No. - USB1T1105A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T1102 FAIRCHILD-USB1T1102 Datasheet
1Mb / 14P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1102MHX FAIRCHILD-USB1T1102MHX Datasheet
1Mb / 14P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1102MPX FAIRCHILD-USB1T1102MPX Datasheet
1Mb / 14P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1102R FAIRCHILD-USB1T1102R Datasheet
1Mb / 14P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1102RMHX FAIRCHILD-USB1T1102RMHX Datasheet
1Mb / 14P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
More results

Similar Description - USB1T1105A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T1102 FAIRCHILD-USB1T1102 Datasheet
1Mb / 14P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1104 FAIRCHILD-USB1T1104 Datasheet
360Kb / 13P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1103 FAIRCHILD-USB1T1103_06 Datasheet
1Mb / 16P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1103 FAIRCHILD-USB1T1103 Datasheet
1Mb / 15P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USBIT1103 FAIRCHILD-USBIT1103 Datasheet
1Mb / 16P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
logo
Intel Corporation
8X931AA INTEL-8X931AA Datasheet
226Kb / 30P
   UNIVERSAL SERIAL BUS PERIPHERAL CONTROLLERS
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
NXP Semiconductors
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com