Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61016F Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M61016F
Description  BUILTIN 2-CHANNEL SPD SENSOR DETECT AMOUNT OF LIGHT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61016F Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M61016F Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M61016F Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M61016F Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M61016F Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M61016F Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M61016F Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61016F Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61016F Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MITSUBISHI ICS<AV COMMON>
M61016F
BUILT-IN 2-CHANNEL SPD SENSOR DETECT AMOUNT OF LIGHT
MITSUBISHI
(
/ 8 )
PRELIMINARY
750
1500
6
SPOT
AVE
Unit : µm
Pin VOUT
-0.3 to 7.0
150
-0.3 to VCC+0.3
-10 to 50
-30 to 85
-2.5
0.2
50
100
150
200
25
50
75
100
60
180
85
280
50
50
140
2
200
200
200
200
Area ratio
SPOT : AVE = 1 : 16
6
78
78
ABSOLUTE MAXIMUM RATINGS
(Ta=25°C, unless otherwise noted)
Symbol
Parameter
Conditions
Ratings
Unit
VCC
Supply voltage
Pd
Power dissipation
VIN
Input voltage
IO(max)
Topr
Tstg
Operating temperature
Storage temperature
K
Thermal derating
V
mW
V
°C
mW/°C
°C
mA
Output current
RECOMMENDED OPERATING CONDITION
(Ta=25°C, unless otherwise noted)
Symbol
Parameter
Test Conditions
Limits
Min
Typ
Max
VCC
Lopr1
Lopr2
Supply voltage
4.0
2 to 100000
0.125 to 12500
5.0
6.5
V
lux
lux
Unit
Operating illuminance " SP "
Operating illuminance " AVE "
THERMAL DERATING (MAXIMUM RATING)
AMBIENT TEMPERATURE Ta (°C)
- 2.5 mW/°C
SENSOR FORM
* Decide after confirmation of real power
*
*


Similar Part No. - M61016F

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M610161FST MTRONPTI-M610161FST Datasheet
405Kb / 2P
   IEEE 1588 & Synchronous Ethernet
M610161TST MTRONPTI-M610161TST Datasheet
405Kb / 2P
   IEEE 1588 & Synchronous Ethernet
M610162FST MTRONPTI-M610162FST Datasheet
405Kb / 2P
   IEEE 1588 & Synchronous Ethernet
M610162TST MTRONPTI-M610162TST Datasheet
405Kb / 2P
   IEEE 1588 & Synchronous Ethernet
More results

Similar Description - M61016F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52979F MITSUBISHI-M52979F Datasheet
33Kb / 5P
   2-CHANNEL SPD SENSOR BUILT-IN DETECT AMOUNT OF LIGHT
logo
Renesas Technology Corp
SPD5108 RENESAS-SPD5108 Datasheet
2Mb / 103P
   Serial Presence Detect (SPD) EEPROMs
Rev.1.11 Sep 15, 2021
logo
Lumileds Lighting Compa...
DS205 LUMILEDS-DS205 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
LUXEON4014 LUMILEDS-LUXEON4014 Datasheet
1Mb / 14P
   Compact footprint delivering high-efficacy and just the right amount of light
MXZ7-PW50 LUMILEDS-MXZ7-PW50 Datasheet
2Mb / 25P
   Compact footprint delivering high-efficacy and just the right amount of light
logo
Omron Electronics LLC
F39-TC5 OMRON-F39-TC5 Datasheet
338Kb / 8P
   Significantly reduces amount of wiring between Safety Light Curtains and Muting Sensors.
logo
Lumileds Lighting Compa...
PB205 LUMILEDS-PB205 Datasheet
762Kb / 2P
   A compact footprint delivering high efficacy and just the right amount of light
logo
Intersil Corporation
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com