Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN182373ASSCX Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # SCAN182373ASSCX
Description  Transparent Latch with 25ohm Series Resistor Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SCAN182373ASSCX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button SCAN182373ASSCX Datasheet HTML 4Page - Fairchild Semiconductor SCAN182373ASSCX Datasheet HTML 5Page - Fairchild Semiconductor SCAN182373ASSCX Datasheet HTML 6Page - Fairchild Semiconductor SCAN182373ASSCX Datasheet HTML 7Page - Fairchild Semiconductor SCAN182373ASSCX Datasheet HTML 8Page - Fairchild Semiconductor SCAN182373ASSCX Datasheet HTML 9Page - Fairchild Semiconductor SCAN182373ASSCX Datasheet HTML 10Page - Fairchild Semiconductor SCAN182373ASSCX Datasheet HTML 11Page - Fairchild Semiconductor SCAN182373ASSCX Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
www.fairchildsemi.com
AC Operating Requirements
Scan Test Operation:
Note 7: Voltage Range 5.0V
± 0.5V.
Note 8: This delay represents the timing relationship between the data input and TCK at the associated scan cells numbered 0-8, 9-17, 18-26 and 27-35.
Note 9: Timing pertains to BSR 38 and 41 only.
Note 10: This delay represents the timing relationship between AOE/BOE and TCK for scan cells 36 and 39 only.
Note 11: Timing pertains to BSR 37 and 40 only.
Note: All Input Timing Delays involving TCK are measured from the rising edge of TCK.
Capacitance
Note 12: COUT is measured at frequency f = 1 MHz, per MIL-STD-883B, Method 3012
Symbol
Parameter
VCC
TA = −40°C to +85°C
Units
(V)
CL = 50 pF
(Note 7)
Guaranteed Minimum
tS
Setup Time,
5.0
2.7
ns
Data to TCK (Note 8)
tH
Hold Time,
5.0
2.4
ns
Data to TCK (Note 8)
tS
Setup Time, H or L
5.0
5.1
ns
AOE 1, BOE 1 to TCK (Note 9)
tH
Hold Time, H or L
5.0
1.8
ns
TCK to AOE 1, BOE 1 (Note 9)
tS
Setup Time, H or L
5.0
3.5
ns
Internal AOE, BOE, to TCK (Note 10)
tH
Hold Time, H or L
TCK to Internal
5.0
1.8
ns
AOE, BOE (Note 10)
tS
Setup Time
5.0
5.1
ns
ALE, BLE (Note 11) to TCK
tH
Hold Time
5.0
1.8
ns
TCK to ALE, BLE (Note 11)
tS
Setup Time, H or L
5.0
7.9
ns
TMS to TCK
tH
Hold Time, H or L
5.0
1.8
ns
TCK to TMS
tS
Setup Time, H or L
5.0
6.0
ns
TDI to TCK
tH
Hold Time, H or L
5.0
3.0
ns
TCK to TDI
tW
Pulse Width TCK
H
5.0
10.3
ns
L10.3
fMAX
Maximum TCK Clock Frequency
5.0
50
MHz
tPU
Wait Time, Power Up to TCK
5.0
100
ns
tDN
Power Down Delay
0.0
100
ms
Symbol
Parameter
Typ
Units
Conditions, TA = 25°C
CIN
Input Capacitance
5.8
pF
VCC = 0.0V
COUT
Output Capacitance (Note 12)
13.8
pF
VCC = 5.0V


Similar Part No. - SCAN182373ASSCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SCAN182374A FAIRCHILD-SCAN182374A Datasheet
107Kb / 12P
   D-Type Flip-Flop with 25廓 Series Resistor Outputs
SCAN182374ASSC FAIRCHILD-SCAN182374ASSC Datasheet
107Kb / 12P
   D-Type Flip-Flop with 25廓 Series Resistor Outputs
More results

Similar Description - SCAN182373ASSCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN182245A NSC-SCAN182245A Datasheet
231Kb / 18P
   Non-Inverting Transceiver with 25OHM Series Resistor Outputs
logo
Fairchild Semiconductor
74LVTH162373 FAIRCHILD-74LVTH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
SCAN182245A FAIRCHILD-SCAN182245A Datasheet
135Kb / 13P
   Non-Inverting Transceiver with 25ohm Series Resistor Outputs
SCAN182541A FAIRCHILD-SCAN182541A Datasheet
95Kb / 11P
   Non-Inverting Line Driver with 25ohm Series Resistor Outputs
logo
National Semiconductor ...
SCAN18373T NSC-SCAN18373T Datasheet
170Kb / 14P
   Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
SCAN18373T FAIRCHILD-SCAN18373T Datasheet
99Kb / 12P
   Transparent Latch with 3-STATE Outputs
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
logo
National Semiconductor ...
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com