Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMWP23001 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # RMWP23001
Description  21-24 GHz Power Amplifier MMIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMWP23001 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  RMWP23001 Datasheet HTML 1Page - Fairchild Semiconductor RMWP23001 Datasheet HTML 2Page - Fairchild Semiconductor RMWP23001 Datasheet HTML 3Page - Fairchild Semiconductor RMWP23001 Datasheet HTML 4Page - Fairchild Semiconductor RMWP23001 Datasheet HTML 5Page - Fairchild Semiconductor RMWP23001 Datasheet HTML 6Page - Fairchild Semiconductor RMWP23001 Datasheet HTML 7Page - Fairchild Semiconductor RMWP23001 Datasheet HTML 8Page - Fairchild Semiconductor RMWP23001 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©2004 Fairchild Semiconductor Corporation
RMWP23001 Rev. C
21
22
23
24
25
26
27
20
21
22
23
24
+30
°C (room)
-25
°C
+80
°C
RMWP23001, Typical Performance Variation with Temperature
Vd = 4V, Idq = 400mA, Chip Bonded into 50
Ω Test Fixture
FREQUENCY (GHz)
Typical Characteristics (Continued)


Similar Part No. - RMWP23001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMWP26001 FAIRCHILD-RMWP26001 Datasheet
385Kb / 8P
   24-26.5 GHz Power Amplifier MMIC
More results

Similar Description - RMWP23001

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022N1-00 ALPHA-AA022N1-00 Datasheet
118Kb / 2P
   21-24 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC-APH518 HITTITE-HMC-APH518 Datasheet
206Kb / 6P
   GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 21 - 24 GHz
logo
Fairchild Semiconductor
RMWP26001 FAIRCHILD-RMWP26001 Datasheet
385Kb / 8P
   24-26.5 GHz Power Amplifier MMIC
logo
Alpha Industries
AA022P2-00 ALPHA-AA022P2-00 Datasheet
126Kb / 2P
   21-23 GHz GaAs MMIC Medium Power Amplifier
logo
Fairchild Semiconductor
RMWB24001 FAIRCHILD-RMWB24001 Datasheet
98Kb / 7P
   24 GHz Buffer Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC499 HITTITE-HMC499_09 Datasheet
263Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499 HITTITE-HMC499 Datasheet
217Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 21 - 32 GHz
logo
Eudyna Devices Inc
FMM5807X EUDYNA-FMM5807X Datasheet
866Kb / 4P
   21-27GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC967LP4E HITTITE-HMC967LP4E_11 Datasheet
889Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com