Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLK20 Datasheet(PDF) 1 Page - Littelfuse

Part # KLK20
Description  Axial Lead and Cartridge Fuses - Midget
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KLK20 Datasheet(HTML) 1 Page - Littelfuse

  KLK20 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
440
www .littelfuse .com
Midget
AC Fast-Acting Type KLK Series
Fast-acting fuses designed for use in circuits with high AC fault current
capacity or where military approval is required.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
135%
1/10 –30
1 hour, Maximum
200
1/10–30
2 minutes, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA from 3/10 through 30 amperes.
INTERRUPTING RATING:
100,000 amperes (capable of 200,000) at 600VAC.
MILITARY TYPE F60C INTERRUPTING RATINGS:
200,000 amperes at 500VAC
150,000 amperes at 500VDC
FUSES TO MIL SPEC: See F60C type in Military Section.
PATENTED
1000
100
10
1
0.1
0.01
10
100
1000
.1
1
CURRENT IN AMPERES
ORDERING INFORMATION:
Cartridge
Nominal
Catalog
Ampere
Voltage
Resistance
Number
Rating
Rating
Cold Ohms
KLK 1/10
.100
600
85.5
KLK 1/8
.125
600
65.0
KLK 2/10
.200
600
30.9
KLK 1/4
.250
600
22.0
KLK 3/10
.300
600
16.2
KLK 1/2
.500
600
7.99
KLK 3/4
.750
600
.398
KLK 1
1
600
.249
KLK 11/2
1.5
600
.132
KLK 2
2
600
.129
KLK 21/2
2.5
600
.0989
KLK 3
3
600
.0773
KLK 31/2
3.5
600
.0613
KLK 4
4
600
.0511
KLK 5
5
600
.0357
KLK 6
6
600
.0261
KLK 7
7
600
.0205
KLK 8
8
600
.0194
KLK 9
9
600
.0166
KLK 10
10
600
.0128
KLK 12
12
600
.0103
KLK 15
15
600
.0073
KLK 20
20
600
.00421
KLK 25
25
600
.00302
KLK 30
30
600
.002816
Average Time Current Curves
38.1
(1.50")
10.31
(.406")
®
UL
®
QPL


Similar Part No. - KLK20

ManufacturerPart #DatasheetDescription
logo
Lumberg
KLK22 LUMBERG-KLK22 Datasheet
382Kb / 3P
   Jack connectors
More results

Similar Description - KLK20

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FLM LITTELFUSE-FLM Datasheet
35Kb / 1P
   Axial Lead and Cartridge Fuses - Midget
KLKD LITTELFUSE-KLKD Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Midget
FLQ LITTELFUSE-FLQ Datasheet
35Kb / 1P
   Axial Lead and Cartridge Fuses - Midget
BLF30 LITTELFUSE-BLF30 Datasheet
78Kb / 1P
   Axial Lead and Cartridge Fuses - Midget
KLQ LITTELFUSE-KLQ Datasheet
71Kb / 1P
   Axial Lead and Cartridge Fuses - Midget
BLS10 LITTELFUSE-BLS10 Datasheet
37Kb / 1P
   Axial Lead and Cartridge Fuses- Special Midget
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com