Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L17T70 Datasheet(PDF) 1 Page - Littelfuse

Part No. L17T70
Description  L17T Series Telecommunications Power Fuse
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L17T70 Datasheet(HTML) 1 Page - Littelfuse

  L17T70 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog
Ampere
Competitor A
Competitor B
Number
Rating
Part Number
Part Number
L17T 70
70
TPL-BA
TGL-BA
L17T 90
90
TPL-BC
TGL-BC
L17T 100
100
TPL-BD
TGL-BD
L17T 125
125
TPL-BE
TGL-BE
L17T 150
150
TPL-BF
TGL-BF
L17T 175
175
TPL-BG
TGL-BG
L17T 200
200
TPL-BH
TGL-BH
L17T 225
225
TPL-BK
TGL-BK
L17T 250
250
TPL-BL
TGL-BL
L17T 300
300
TPL-CN
TGL-CN
L17T 350
350
TPL-CO
TGL-CO
L17T 400
400
TPL-CR
TGL-CR
L17T 450
450
TPL-CU
TGL-CU
L17T 500
500
TPL-CV
TGL-CV
L17T 600
600
TPL-CZ
TGL-CZ
L17T 800
800
TPL-CZH
TGL-CZH
L17T 900
900
-
-
L17T 1000
1000
-
-
L17T 1100
1100
-
-
L17T 1200
1200
-
-
75
L17T Series Telecommunications Power Fuse
170 VDC I Current Limiting I 70 – 1200 Amperes
SPECIFICATIONS
Voltage Rating: 170 VDC
Interrupting Rating: 100,000 amperes
Ampere Range: 70 – 1200 amperes
Approvals: UL Recognized under the Components Program
(File No: E71611)
CSA Recognized under the Component
Acceptance Program (File No: LR29862)
AMPERE RATINGS
70
125
200
300
450
800
1100
90
150
225
350
500
900
1200
100
175
250
400
600
1000
Example part number (series & amperage): L17T 200
RECOMMENDED FUSE BLOCKS
LTFD 6001 and LTFD1200 series
Refer to the LTFD series in this catalog section for
additional information.
FEATURES
I
Low I2t
I
Extremely current limiting
I
Low operating temperature
I
170 VDC rating
Specifically designed for short circuit protection of
Telecommunications circuits, the Littelfuse L17T series
fuses provide reliable protection of sensitive DC power
distribution systems. Constructed with silver plated elements
for low I2t and peak let-through, these advanced fuses
virtually eliminate equipment damage due to surges and
spikes. The L17T series fuse’s unique element geometry
also provides cooler running temperatures, helping to
minimize heat within enclosures.
AMPERE
RATING
70 – 250
1-5/32
1-7/8
2-3/16 2-21/32
1
7/8
5/16
3/16
(29.4)
(47.6)
(55.6)
(67.5)
(25.4)
(22.2)
(7.9)
(4.8)
300 – 800
1-1/4
1-15/16 2-9/16
3-1/2
1-1/2
1
13/32
1/4
(31.8)
(49.2)
(65.1)
(88.9)
(38.1)
(25.4)
(10.3)
(6.35)
1000 – 1200 1-11/32
4-1/16
1-1/2
1/4
(34.0)
(103.12)
(38.1)
(6.35)
AB
C
D
E
F
G
H
DIMENSIONS IN INCHES (mm in parentheses)
Contact Littelfuse for characteristic curves.
A
B
C
D
F
G
E
H
Fig. 3
ORDERING INFORMATION & CROSS REFERENCE


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn