Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WV14L6X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7WV14L6X
Description  TinyLogic ULP-A Dual Inverter with Schmitt Trigger Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WV14L6X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7WV14L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7WV14L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7WV14L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7WV14L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7WV14L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7WV14L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7WV14L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7WV14L6X Datasheet HTML 8Page - Fairchild Semiconductor NC7WV14L6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
1.5V
± 0.10V
1.2V
± 0.10V
0.9V
Vmi
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
Vmo
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2


Similar Part No. - NC7WV14L6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WV14L6X ONSEMI-NC7WV14L6X Datasheet
354Kb / 14P
   TinyLogic ULP-A Dual Inverter
June 2008 Rev. 1.0.0
NC7WV14L6X ONSEMI-NC7WV14L6X Datasheet
176Kb / 10P
   TinyLogic ULP-A Dual Inverter with Schmitt-Trigger Input
September, 2021 -Rev. 2
More results

Similar Description - NC7WV14L6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WV14 ONSEMI-NC7WV14_V01 Datasheet
176Kb / 10P
   TinyLogic ULP-A Dual Inverter with Schmitt-Trigger Input
September, 2021 -Rev. 2
NC7WP14 ONSEMI-NC7WP14_V01 Datasheet
173Kb / 9P
   TinyLogic ULP-A Dual Inverter with Schmitt-Trigger Input
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
NC7SV14 FAIRCHILD-NC7SV14 Datasheet
293Kb / 9P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SV14 ONSEMI-NC7SV14_V01 Datasheet
336Kb / 10P
   TinyLogic ULP-A Inverter with Schmitt-Trigger Input
May, 2021 ??Rev. 4
NC7SP14 ONSEMI-NC7SP14_V01 Datasheet
347Kb / 10P
   TinyLogic ULP-A Inverter with Schmitt-Trigger Input
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV14 FAIRCHILD-NC7SV14_04 Datasheet
296Kb / 9P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SV14 ONSEMI-NC7SV14 Datasheet
480Kb / 11P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
Revised March 2018
logo
Fairchild Semiconductor
NC7SP14 FAIRCHILD-NC7SP14 Datasheet
306Kb / 9P
   TinyLogic ULP Inverter with Schmitt Trigger Input
NC7SP14 FAIRCHILD-NC7SP14_04 Datasheet
296Kb / 9P
   TinyLogic ULP Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SP14 ONSEMI-NC7SP14 Datasheet
390Kb / 11P
   TinyLogic ULP Inverter with Schmitt Trigger Input
Revised March 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com