Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC7WV14 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. NC7WV14
Description  TinyLogic ULP-A Dual Inverter with Schmitt Trigger Input
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NC7WV14 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Max
Min
Max
VOH
HIGH Level
0.90
VCC − 0.1
VCC − 0.1
V
IOH = −100 µA
Output Voltage
1.10
≤ V
CC ≤ 1.30
VCC − 0.1
VCC − 0.1
1.40
≤ V
CC ≤ 1.60
VCC − 0.2
VCC − 0.2
1.65
≤ V
CC ≤ 1.95
VCC − 0.2
VCC − 0.2
2.30
≤ V
CC < 2.70
VCC − 0.2
VCC − 0.2
2.70
≤ V
CC ≤ 3.60
VCC − 0.2
VCC − 0.2
1.10
≤ V
CC ≤ 1.30
0.75 x VCC
0.75 x VCC
IOH = −2 mA
1.40
≤ V
CC ≤ 1.60
0.75 x VCC
0.75 x VCC
IOH = −4 mA
1.65
≤ V
CC ≤ 1.95
1.25
1.25
IOH = −6 mA
2.30
≤ V
CC < 2.70
2.0
2.0
2.30
≤ V
CC < 2.70
1.8
1.8
IOH = −12 mA
2.70
≤ V
CC ≤ 3.60
2.2
2.2
2.30
≤ V
CC < 2.70
1.7
1.7
IOH = −18 mA
2.70
≤ V
CC ≤ 3.60
2.4
2.4
2.70
≤ V
CC ≤ 3.60
2.2
2.2
IOH = −24 mA
VOL
LOW Level
0.90
0.1
0.1
V
IOL = 100 µA
Output Voltage
1.10
≤ V
CC ≤ 1.30
0.1
0.1
1.40
≤ V
CC ≤ 1.60
0.2
0.2
1.65
≤ V
CC ≤ 1.95
0.2
0.2
2.30
≤ V
CC < 2.70
0.2
0.2
2.70
≤ V
CC ≤ 3.60
0.2
0.2
1.10
≤ V
CC ≤ 1.30
0.25 x VCC
0.25 x VCC
IOL = 2 mA
1.40
≤ V
CC ≤ 1.60
0.25 x VCC
0.25 x VCC
IOL = 4 mA
1.65
≤ V
CC ≤ 1.95
0.3
0.3
IOL = 6 mA
2.30
≤ V
CC < 2.70
0.4
0.4
IOL = 12 mA
2.70
≤ V
CC ≤ 3.60
0.4
0.4
2.30
≤ V
CC < 2.70
0.6
0.6
IOL = 18 mA
2.70
≤ V
CC ≤ 3.60
0.4
0.4
2.70
≤ V
CC ≤ 3.60
0.55
0.55
IOL = 24 mA
IIN
Input Leakage Current
0.90 to 3.60
±0.1
±0.5
µA0 ≤ V
I ≤ 3.6V
IOFF
Power Off Leakage Current
0
0.5
0.5
µA0 ≤ (V
I, VO) ≤ 3.6V
ICC
Quiescent Supply Current
0.90 to 3.60
0.9
0.9
µA
VI = VCC or GND
0.90 to 3.60
±0.9
VCC ≤ VI ≤ 3.6V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
Number
(V)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
0.90
12
ns
CL = 15 pF, RL = 1 MΩ
Figures
1, 2
tPLH
1.10
≤ V
CC ≤ 1.30
2.0
5.9
11.5
1.0
15.6
CL = 15 pF, RL = 2 kΩ
1.40
≤ V
CC ≤ 1.60
1.0
3.2
6.3
0.9
7.0
1.65
≤ V
CC ≤ 1.95
1.0
2.0
5.2
0.7
6.2
CL = 30 pF
2.30
≤ V
CC < 2.70
0.8
1.8
3.7
0.6
4.4
RL = 500Ω
2.70
≤ V
CC ≤ 3.60
0.7
1.5
3.3
0.5
3.8
CIN
Input Capacitance
0
2.0
pF
COUT
Output Capacitance
0
4.5
pF
CPD
Power Dissipation
0.90 to 3.60
14
pF
VI = 0V or VCC
Capacitance
f
= 10 MHz


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn