Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LVX8053 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74LVX8053
Description  Analog Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX8053 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX8053 Datasheet HTML 1Page - ON Semiconductor MC74LVX8053 Datasheet HTML 2Page - ON Semiconductor MC74LVX8053 Datasheet HTML 3Page - ON Semiconductor MC74LVX8053 Datasheet HTML 4Page - ON Semiconductor MC74LVX8053 Datasheet HTML 5Page - ON Semiconductor MC74LVX8053 Datasheet HTML 6Page - ON Semiconductor MC74LVX8053 Datasheet HTML 7Page - ON Semiconductor MC74LVX8053 Datasheet HTML 8Page - ON Semiconductor MC74LVX8053 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC74LVX8053
http://onsemi.com
4
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 3 ns)
VCC
Guaranteed Limit
Symbol
Parameter
VCC
V
–55 to 25
°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Channel–Select to Analog Output
(Figure 9)
2.0
3.0
4.5
5.5
30
20
15
15
35
25
18
18
40
30
22
20
ns
tPLH,
tPHL
Maximum Propagation Delay, Analog Input to Analog Output
(Figure 10)
2.0
3.0
4.5
5.5
4.0
3.0
1.0
1.0
6.0
5.0
2.0
2.0
8.0
6.0
2.0
2.0
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Enable to Analog Output
(Figure 11)
2.0
3.0
4.5
5.5
30
20
15
15
35
25
18
18
40
30
22
20
ns
tPZL,
tPZH
Maximum Propagation Delay, Enable to Analog Output
(Figure 11)
2.0
3.0
4.5
5.5
20
12
8.0
8.0
25
14
10
10
30
15
12
12
ns
Cin
Maximum Input Capacitance, Channel–Select or Enable Inputs
10
10
10
pF
CI/O
Maximum Capacitance
Analog I/O
35
35
35
pF
(All Switches Off)
Common O/I
50
50
50
Feedthrough
1.0
1.0
1.0
CPD
Typical @ 25
°C, VCC = 5.0 V
pF
Power Dissipation Capacitance (Figure 13)*
45
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn