![]() |
Electronic Components Datasheet Search |
|
MC74LVX8053 Datasheet(PDF) 3 Page - ON Semiconductor |
|
MC74LVX8053 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 12 page ![]() MC74LVX8053 http://onsemi.com 3 DC CHARACTERISTICS — Digital Section (Voltages Referenced to GND) VCC Guaranteed Limit Symbol Parameter Condition VCC V –55 to 25 °C ≤85°C ≤125°C Unit VIH Minimum High–Level Input Voltage, Channel–Select or Enable Inputs Ron = Per Spec 2.0 3.0 4.5 5.5 1.50 2.10 3.15 3.85 1.50 2.10 3.15 3.85 1.50 2.10 3.15 3.85 V VIL Maximum Low–Level Input Voltage, Channel–Select or Enable Inputs Ron = Per Spec 2.0 3.0 4.5 5.5 0.5 0.9 1.35 1.65 0.5 0.9 1.35 1.65 0.5 0.9 1.35 1.65 V Iin Maximum Input Leakage Current, Channel–Select or Enable Inputs Vin = VCC or GND, 5.5 ± 0.1 ± 1.0 ± 1.0 µA ICC Maximum Quiescent Supply Current (per Package) Channel Select, Enable and VIS = VCC or GND; VIO = 0 V 5.5 4 40 160 µA DC ELECTRICAL CHARACTERISTICS Analog Section Guaranteed Limit Symbol Parameter Test Conditions VCC V – 55 to 25 _C v 85_C v 125_C Unit Ron Maximum “ON” Resistance Vin = VIL or VIH VIS = VCC to GND |IS| v 10.0 mA (Figures 1, 2) 3.0 4.5 5.5 40 30 25 45 32 28 50 37 30 Ω Vin = VIL or VIH VIS = VCC or GND (Endpoints) |IS| v 10.0 mA (Figures 1, 2) 3.0 4.5 5.5 30 25 20 35 28 25 40 35 30 ∆Ron Maximum Difference in “ON” Resistance Between Any Two Channels in the Same Package Vin = VIL or VIH VIS = 1/2 (VCC – GND) |IS| v 10.0 mA 3.0 4.5 5.5 15 8.0 8.0 20 12 12 25 15 15 Ω Ioff Maximum Off–Channel Leakage Current, Any One Channel Vin = VIL or VIH; VIO = VCC or GND; Switch Off (Figure 3) 5.5 0.1 0.5 1.0 µA Maximum Off–Channel Leakage Current, Common Channel Vin = VIL or VIH; VIO = VCC or GND; Switch Off (Figure 4) 5.5 0.1 1.0 2.0 Ion Maximum On–Channel Leakage Current, Channel–to–Channel Vin = VIL or VIH; Switch–to–Switch = VCC or GND; (Figure 5) 5.5 0.1 1.0 2.0 µA |