Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC74LVX8053 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC74LVX8053
Description  Analog Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC74LVX8053 Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 1999
March, 2000 – Rev. 2
1
Publication Order Number:
MC74LVX8053/D
MC74LVX8053
Analog Multiplexer /
Demultiplexer
High–Performance Silicon–Gate CMOS
The MC74LVX8053 utilizes silicon–gate CMOS technology to
achieve fast propagation delays, low ON resistances, and low OFF
leakage currents. This analog multiplexer/demultiplexer controls
analog voltages that may vary across the complete power supply range
(from VCC to GND).
The LVX8053 is similar in pinout to the high–speed HC4053A, and
the metal–gate MC14053B. The Channel–Select inputs determine
which one of the Analog Inputs/Outputs is to be connected, by means
of an analog switch, to the Common Output/Input. When the Enable
pin is HIGH, all analog switches are turned off.
The Channel–Select and Enable inputs are compatible with standard
CMOS outputs; with pull–up resistors they are compatible with
LSTTL outputs.
This device has been designed so that the ON resistance (Ron) is
more linear over input voltage than Ron of metal–gate CMOS analog
switches.
Fast Switching and Propagation Speeds
Low Crosstalk Between Switches
Diode Protection on All Inputs/Outputs
Analog Power Supply Range (VCC – GND) = 2.0 to 6.0 V
Digital (Control) Power Supply Range (VCC – GND) = 2.0 to 6.0 V
Improved Linearity and Lower ON Resistance Than Metal–Gate
Counterparts
Low Noise
In Compliance With the Requirements of JEDEC Standard No. 7A
Chip Complexity: LVX8053 — 156 FETs or 39 Equivalent Gates
LOGIC DIAGRAM
Triple Single–Pole, Double–Position Plus Common Off
X0
12
X1
13
A
11
B
10
C
9
ENABLE
6
X SWITCH
Y SWITCH
X
14
ANALOG
INPUTS/OUTPUTS
CHANNEL-SELECT
INPUTS
PIN 16 = VCC
PIN 8 = GND
COMMON
OUTPUTS/INPUTS
Y0
2
Y1
1
Y
15
Z0
5
Z1
3
Z
4
Z SWITCH
NOTE: This device allows independent control of each switch.
Channel–Select Input A controls the X–Switch, Input B controls
the Y–Switch and Input C controls the Z–Switch
16–LEAD SOIC
D SUFFIX
CASE 751B
http://onsemi.com
16–LEAD TSSOP
DT SUFFIX
CASE 948F
PIN CONNECTION AND
MARKING DIAGRAM (Top View)
15
16
14
13
12
11
10
2
1
345
67
VCC
9
8
Y
X
X1
X0
A
B
C
Y1
Y0
Z1
Z
Z0
Enable
NC
GND
L
L
L
L
H
H
H
H
X
L
L
H
H
L
L
H
H
X
L
H
L
H
L
H
L
H
X
FUNCTION TABLE – MC74LVX8053
Control Inputs
ON Channels
Enable
Select
CB
A
L
L
L
L
L
L
L
L
H
X = Don’t Care
Z0
Z0
Z0
Z0
Z1
Z1
Z1
Z1
Y0
Y0
Y1
Y1
Y0
Y0
Y1
Y1
X0
X1
X0
X1
X0
X1
X0
X1
NONE
For detailed package marking information, see the Marking
Diagram section on page 11 of this data sheet.
Device
Package
Shipping
ORDERING INFORMATION
MC74LVX8053D
SOIC
48 Units/Rail
MC74LVX8053DR2
SOIC
2500 Units/Reel
MC74LVX8053DT
TSSOP
96 Units/Rail
MC74LVX8053DTR2
TSSOP
2500 Units/Reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn