Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LVX8053 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC74LVX8053
Description  Analog Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX8053 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74LVX8053 Datasheet HTML 2Page - ON Semiconductor MC74LVX8053 Datasheet HTML 3Page - ON Semiconductor MC74LVX8053 Datasheet HTML 4Page - ON Semiconductor MC74LVX8053 Datasheet HTML 5Page - ON Semiconductor MC74LVX8053 Datasheet HTML 6Page - ON Semiconductor MC74LVX8053 Datasheet HTML 7Page - ON Semiconductor MC74LVX8053 Datasheet HTML 8Page - ON Semiconductor MC74LVX8053 Datasheet HTML 9Page - ON Semiconductor MC74LVX8053 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC74LVX8053
http://onsemi.com
6
Figure 1b. Typical On Resistance, VCC = 4.5 V
Figure 1c. Typical On Resistance, VCC = 5.5 V
25
20
5
0
1.0
2.0
4.0
3.0
5.0
VIN, INPUT VOLTAGE (VOLTS)
85
°C
–55
°C
125
°C
0
25
°C
5
0
1.0
2.0
3.0
4.0
5.0
6.0
VIN, INPUT VOLTAGE (VOLTS)
85
°C
–55
°C
125
°C
0
25
°C
10
15
30
10
15
20
25
30
Figure 2. On Resistance Test Set–Up
PLOTTER
MINI COMPUTER
PROGRAMMABLE
POWER
SUPPLY
DC ANALYZER
VCC
DEVICE
UNDER TEST
+
GND
ANALOG IN
COMMON OUT
GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn