Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSQC6110W Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MSQC6110W
Description  14mm (0.56 inch) Four Digit CLOCK STICK DISPLAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MSQC6110W Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MSQC6110W Datasheet HTML 1Page - Fairchild Semiconductor MSQC6110W Datasheet HTML 2Page - Fairchild Semiconductor MSQC6110W Datasheet HTML 3Page - Fairchild Semiconductor MSQC6110W Datasheet HTML 4Page - Fairchild Semiconductor MSQC6110W Datasheet HTML 5Page - Fairchild Semiconductor MSQC6110W Datasheet HTML 6Page - Fairchild Semiconductor MSQC6110W Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
7/17/03
Page 2 of 7
© 2003 Fairchild Semiconductor Corporation
14mm (0.56 inch) Four Digit
CLOCK STICK DISPLAY
Bright Red MSQC6110W, MSQC6140W
High Efficiency Red MSQC6910W, MSQC6940W
Green MSQC6410W, MSQC6440W
NOTES:
(1) Data per individual LED element
(2) Luminous intensity (µcd) = average light output per segment
(3) B = breakdown
ABSOLUTE MAXIMUM RATINGS(1) (TA = 25°C, unless otherwise specified)
Part Number
Parameter
MSQC6110W
MSQC6140W
MSQC6410W
MSQC6440W
MSQC6910W
MSQC6940W
Units
Continuous Forward Current
(each segment)
15
25
25
mA
Peak Forward Current
(F = 10KHz, D/F = 1/10)
60
90
90
mA
Power Dissipation (PD)
40
70
70
mW
*Derate Linearly from 25°C
0.17
0.33
0.33
mW
Reverse Voltage per Die
5 Volts
Operating and Storage Temperature Range
-40°C to +85°C
Lead soldering time (1/16 inch from standoffs)
5 seconds @ 230°C
ELECTRO-OPTICAL CHARACTERISTICS(1) (TA = 25°C, unless otherwise specified)
Part Number
Parameter
MSQC6110W
MSQC6140W
MSQC6410W
MSQC6440W
MSQC6910W
MSQC6910W
Units
Test
Condition
Luminous intensity(2) (IV)
Minimum (Standard Current)
300
800
800
µcd
IF = 10mA
Typical (Standard Current)
700
2400
2000
µcd
IF = 10mA
Minimum (Low Current)
Not Available
Typical (Low Current)
Not Available
Forward Voltage (VF)
Typical (Standard Current)
2.10
2.10
2.00
V
IF = 20mA
Maximum (Standard Current)
2.80
2.80
2.80
V
IF = 20mA
Typical (Low Current)
Not Available
Maximum (Low Current)
Not Available
Peak Wavelength
695
570
635
nm
IF = 20mA
Dominant Wavelength
Not Available
Spectral Line 1/2 Width
90
30
45
nm
IF = 10mA
Reverse B(3). Voltage (VR)
5
5
5
V
IR = 100µA


Similar Part No. - MSQC6110W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSQC6110C FAIRCHILD-MSQC6110C Datasheet
337Kb / 7P
   14mm (0.56 inch) Four Digit CLOCK STICK DISPLAY
More results

Similar Description - MSQC6110W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSQC6110C FAIRCHILD-MSQC6110C Datasheet
337Kb / 7P
   14mm (0.56 inch) Four Digit CLOCK STICK DISPLAY
MSQC6412C FAIRCHILD-MSQC6412C Datasheet
354Kb / 7P
   14mm (0.56 inch) Four Digit MULTIPLEX CLOCK STICK DISPLAY
MSQ6110C FAIRCHILD-MSQ6110C Datasheet
285Kb / 7P
   0.56 INCH (14.2 MM) FOUR DIGIT STICK DISPLAY
MSQ6111C FAIRCHILD-MSQ6111C Datasheet
277Kb / 7P
   0.56 INCH (14.2 MM) FOUR DIGIT STICK DISPLAY
logo
OptoSupply Internationa...
OSL40562-IW OPTOSUPPLY-OSL40562-IW Datasheet
256Kb / 2P
   0.56 Inch Four Digit Display
OSL40562-IX OPTOSUPPLY-OSL40562-IX Datasheet
256Kb / 2P
   0.56 Inch Four Digit Display
logo
Fairchild Semiconductor
MAN6110E FAIRCHILD-MAN6110E Datasheet
283Kb / 7P
   0.56 INCH (14.2 MM) DUAL DIGIT STICK DISPLAY
MAN6160E FAIRCHILD-MAN6160E Datasheet
269Kb / 7P
   0.56 INCH (14.2 MM) SINGLE DIGIT STICK DISPLAY
MST6110C FAIRCHILD-MST6110C Datasheet
277Kb / 7P
   0.56 INCH (14.2 MM) THREE DIGIT STICK DISPLAY
MST6111C FAIRCHILD-MST6111C Datasheet
278Kb / 7P
   0.56 INCH (14.2 MM) THREE DIGIT STICK DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com