Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D0Z18G25 Datasheet(PDF) 1 Page - Littelfuse

Part # D0Z18G25
Description  Diazed/Neozed Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

D0Z18G25 Datasheet(HTML) 1 Page - Littelfuse

  D0Z18G25 Datasheet HTML 1Page - Littelfuse D0Z18G25 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
160
Base
Size
14
18
16
27
33
Type
D01
D02
DI
DII
DIII
Voltage
AC/DC
380V/250V
380V/250V
500V
500V
500V
Interrupting
Rating
50kA
50kA
80kA
80kA
80kA
Current
Range
2-16A
20-63A
2-25A
2-25A
35-63A
Diazed/Neozed Fuses
Littelfuse fast-acting (gL-gG) fuses are used for the protec-
tion of cables against short circuits. Time-lag (aM) fuses
are used for protection of motors. Ratings are available in
standard Diazed and compact Neozed styles.
SPECIFICATIONS
Standards: DIN 49.522-DIN 49.525, IEC 269-3
Approvals: VDE
Example part number: DZ27F4
All Diazed and Neozed fuses incorporate a blown
fuse indicator.
Amperage
2
4
6
10
16
20
25
35
50
63
Color
Pink
Brown
Green
Red
Grey
Blue
Yellow
Black
White
Copper
DI
DZ16F2
DZ16F4
DZ16F6
DZ16F10
DZ16F16
DZ16F20
DZ16F25
16
DII
DZ27F2
DZ27F4
DZ27F6
DZ27F10
DZ27F16
DZ27F20
DZ27F25
27
DIII
DZ33F35
DZ33F50
DZ33F63
33
DI
DZ16T2
DZ16T4
DZ16T6
DZ16T10
DZ16T16
DZ16T20
DZ16T25
16
DIII
DZ33T35
DZ33T50
DZ33T63
33
A (mm)
6
6
6
8
10
12
14
16
18
20
DII
DZ27T2
DZ27T4
DZ27T6
DZ27T10
DZ27T16
DZ27T20
DZ27T25
27
D02
D0Z18G20
D0Z18G25
D0Z18G35
D0Z18G50
D0Z18G63
18
A (mm)
7.3
7.3
7.3
8.5
9.7
10.9
12.1
13.3
14.5
15.9
D01
D0Z14G2
D0Z14G4
D0Z14G6
D0Z14G10
D0Z14G16
14
gL-gG
aM
DIM.
DIAZED FUSES
gL-gG
DIM.
NEOZED FUSES
Base Size (mm)
36
36
11
AA
15
50
A
21.5
D01
D02
DI
DII
DIII
50
A
13.2
50
A
27
Neozed Fuses
Diazed Fuses
All dimensions are in “mm”.


Similar Description - D0Z18G25

ManufacturerPart #DatasheetDescription
logo
Semikron International
FUSES000 SEMIKRON-FUSES000 Datasheet
252Kb / 6P
   FUSES
logo
List of Unclassifed Man...
FUSE125B ETC1-FUSE125B Datasheet
1Mb / 6P
   FUSES
2019
logo
Littelfuse
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
Dubilier
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1TD100 DUBILIER-DBCFC1TD100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com