Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1768260 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1768260
Description  MVSTBR 2,5/10-ST
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1768260 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1768260 Datasheet HTML 1Page - PHOENIX CONTACT 1768260 Datasheet HTML 2Page - PHOENIX CONTACT 1768260 Datasheet HTML 3Page - PHOENIX CONTACT 1768260 Datasheet HTML 4Page - PHOENIX CONTACT 1768260 Datasheet HTML 5Page - PHOENIX CONTACT 1768260 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MVSTBR 2,5/10-ST Order No.: 1792090
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1792090
PHOENIX CONTACT Inc., USA
Page 4 / 6
http://www.phoenixcon.com
Mar 9, 2010
Accessories
Item
Designation
Description
Tools
1205053
SZS 0,6X3,5
Screwdriver, bladed, matches all screw terminal blocks up to 4.0
mm² connection cross section, blade: 0.6 x 3.5 mm, without VDE
approval
Additional products
Item
Designation
Description
General
1899922
EMSTBA 2,5/10-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 10, Color: green, Assembly: Press-in
1914933
EMSTBVA 2,5/10-G
Header, Nominal current: 12 A, Nom. voltage: 200 V, Pitch: 5 mm,
Number of positions: 10, Color: green, Assembly: Press-in
1762774
MDSTB 2,5/10-G1
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 10, Color: green, Assembly: Soldering
1846593
MDSTBA 2,5/10-G
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 10, Color: green, Assembly: Soldering
1762923
MDSTBV 2,5/10-G1
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 10, Color: green, Assembly: Soldering
1845866
MDSTBVA 2,5/10-G
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 10, Color: green, Assembly: Soldering
1754591
MSTB 2,5/10-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 10, Color: green, Assembly: Soldering
1768260
MSTB 2,5/10-G-LA
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 10, Assembly: Soldering
1757543
MSTBA 2,5/10-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 10, Color: green, Assembly: Soldering
1770562
MSTBA 2,5/10-G-LA
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 10, Assembly: Soldering
1765085
MSTBHK 2,5/10-G
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 10, Connection type: Screw
connection, Assembly: DIN rail, Color: green
1753592
MSTBV 2,5/10-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 10, Color: green, Assembly: Soldering
1755503
MSTBVA 2,5/10-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 10, Color: green, Assembly: Soldering
1736030
MSTBW 2,5/10-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 10, Color: green, Assembly: Soldering
1769311
SMSTB 2,5/10-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 10, Color: green, Assembly: Soldering


Similar Part No. - 1768260

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1768260 PHOENIX-1768260 Datasheet
142Kb / 6P
   MSTB 2,5/10-ST
1768260 PHOENIX-1768260 Datasheet
151Kb / 6P
   MVSTBW 2,5/10-ST
1768260 PHOENIX-1768260 Datasheet
144Kb / 6P
   FKC 2,5/10-ST
More results

Similar Description - 1768260

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792032 PHOENIX-1792032 Datasheet
170Kb / 6P
   MVSTBR 2,5/ 4-ST
1912375 PHOENIX-1912375 Datasheet
383Kb / 12P
   PCB connector - MVSTBR 2,5 HC/10-ST
1792029 PHOENIX-1792029 Datasheet
173Kb / 6P
   MVSTBR 2,5/ 3-ST
1792074 PHOENIX-1792074 Datasheet
170Kb / 6P
   MVSTBR 2,5/ 8-ST
1792087 PHOENIX-1792087 Datasheet
170Kb / 6P
   MVSTBR 2,5/ 9-ST
1792016 PHOENIX-1792016 Datasheet
172Kb / 6P
   MVSTBR 2,5/ 2-ST
1792045 PHOENIX-1792045 Datasheet
169Kb / 6P
   MVSTBR 2,5/ 5-ST
1792113 PHOENIX-1792113 Datasheet
170Kb / 6P
   MVSTBR 2,5/12-ST
1792058 PHOENIX-1792058 Datasheet
172Kb / 6P
   MVSTBR 2,5/ 6-ST
1792061 PHOENIX-1792061 Datasheet
170Kb / 6P
   MVSTBR 2,5/ 7-ST
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com