Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ33T35 Datasheet(PDF) 1 Page - Littelfuse

Part No. DZ33T35
Description  Diazed/Neozed Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

   
 1 page
background image
160
Base
Size
14
18
16
27
33
Type
D01
D02
DI
DII
DIII
Voltage
AC/DC
380V/250V
380V/250V
500V
500V
500V
Interrupting
Rating
50kA
50kA
80kA
80kA
80kA
Current
Range
2-16A
20-63A
2-25A
2-25A
35-63A
Diazed/Neozed Fuses
Littelfuse fast-acting (gL-gG) fuses are used for the protec-
tion of cables against short circuits. Time-lag (aM) fuses
are used for protection of motors. Ratings are available in
standard Diazed and compact Neozed styles.
SPECIFICATIONS
Standards: DIN 49.522-DIN 49.525, IEC 269-3
Approvals: VDE
Example part number: DZ27F4
All Diazed and Neozed fuses incorporate a blown
fuse indicator.
Amperage
2
4
6
10
16
20
25
35
50
63
Color
Pink
Brown
Green
Red
Grey
Blue
Yellow
Black
White
Copper
DI
DZ16F2
DZ16F4
DZ16F6
DZ16F10
DZ16F16
DZ16F20
DZ16F25
16
DII
DZ27F2
DZ27F4
DZ27F6
DZ27F10
DZ27F16
DZ27F20
DZ27F25
27
DIII
DZ33F35
DZ33F50
DZ33F63
33
DI
DZ16T2
DZ16T4
DZ16T6
DZ16T10
DZ16T16
DZ16T20
DZ16T25
16
DIII
DZ33T35
DZ33T50
DZ33T63
33
A (mm)
6
6
6
8
10
12
14
16
18
20
DII
DZ27T2
DZ27T4
DZ27T6
DZ27T10
DZ27T16
DZ27T20
DZ27T25
27
D02
D0Z18G20
D0Z18G25
D0Z18G35
D0Z18G50
D0Z18G63
18
A (mm)
7.3
7.3
7.3
8.5
9.7
10.9
12.1
13.3
14.5
15.9
D01
D0Z14G2
D0Z14G4
D0Z14G6
D0Z14G10
D0Z14G16
14
gL-gG
aM
DIM.
DIAZED FUSES
gL-gG
DIM.
NEOZED FUSES
Base Size (mm)
36
36
11
AA
15
50
A
21.5
D01
D02
DI
DII
DIII
50
A
13.2
50
A
27
Neozed Fuses
Diazed Fuses
All dimensions are in “mm”.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3E-4PT-6E Rated Potential Transformer Fuses 1 Littelfuse
215.200Axial Lead and Cartridge Fuses - Designed to IEC Standard 1 2 Littelfuse
239Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards 1 2 Littelfuse
312PAxial Lead and Cartridge Fuses - Glass Body 1 Littelfuse
374SUBMINIATURE FUSES 1 2 Littelfuse
464Surface Mount Fuses - Subminiature Surface Mount 1 Littelfuse
675Axial Lead and Cartridge Fuses - Ceramic Body 1 Littelfuse
834PCB mount vertical for 5x20 mm Fuses 1 Littelfuse
BLF30Axial Lead and Cartridge Fuses - Midget 1 Littelfuse
LA60Q30-2LA60Q Semiconductor Fuses 1 Littelfuse

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl