Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUP40N06-25L Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SUP40N06-25L
Description  N-Channel 60-V (D-S), 175 Degrees Celcious MOSFET, Logic Level
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP40N06-25L Datasheet(HTML) 1 Page - Vishay Siliconix

  SUP40N06-25L Datasheet HTML 1Page - Vishay Siliconix SUP40N06-25L Datasheet HTML 2Page - Vishay Siliconix SUP40N06-25L Datasheet HTML 3Page - Vishay Siliconix SUP40N06-25L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SUP/SUB40N06-25L
Vishay Siliconix
Document Number: 70288
S-57253?Rev. C, 24-Feb-98
www.vishay.com
S FaxBack 408-970-5600
2-1
N-Channel 60-V (D-S), 175
_C MOSFET, Logic Level
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (W)
ID (A)
60
0.022 @ VGS = 10 V
40
60
0.025 @ VGS = 4.5 V
40
D
G
S
N-Channel MOSFET
SUP40N06-25L
SUB40N06-25L
DRAIN connected to TAB
TO-220AB
Top View
GD S
TO-263
S
G
Top View
D
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current
(T
175
_C)
TC = 25_C
ID
40
A
(TJ = 175_C)
TC = 100_C
ID
25
A
Pulsed Drain Current
IDM
100
A
Avalanche Current
IAR
40
Repetitive Avalanche Energya
L = 0.1 mH
EAR
80
mJ
Power Dissipation
TC = 25_C (TO-220AB and TO-263)
PD
90c
W
Power Dissipation
TA = 25_C (TO-263)c
PD
3.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
?55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient
PCB Mount (TO-263)c
RthJA
40
_C/W
Junction-to-Ambient
Free Air (TO-220AB)
RthJA
80
_C/W
Junction-to-Case
RthJC
1.6
Notes:
a.
Duty cycle
v 1%.
b.
See SOA curve for voltage derating.
c.
Surface Mounted on FR4 Board, t
v 10 sec.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn