Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7478DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI7478DP
Description  N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7478DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7478DP Datasheet HTML 1Page - Vishay Siliconix SI7478DP Datasheet HTML 2Page - Vishay Siliconix SI7478DP Datasheet HTML 3Page - Vishay Siliconix SI7478DP Datasheet HTML 4Page - Vishay Siliconix SI7478DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 72913
S-51566-Rev. B, 07-Nov-05
www.vishay.com
3
Vishay Siliconix
Si7478DP
New Product
TYPICAL CHARACTERISTICS
25 °C, unless noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.000
0.002
0.004
0.006
0.008
0.010
0.012
0
102030405060
VGS = 10 V
ID - Drain Current (A)
VGS = 4.5 V
0
2
4
6
8
10
0
20406080
100
120
VDS = 30 V
ID = 20 A
Qg - Total Gate Charge (nC)
VSD - Source-to-Drain Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150˚C
TJ = 25˚C
60
10
1
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
2000
4000
6000
8000
10000
0
102030405060
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
Crss
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 20 A
TJ - Junction Temperature (˚C)
0.000
0.004
0.008
0.012
0.016
0.020
02468
10
VGS - Gate-to-Source Voltage (V)
ID = 20 A


Similar Part No. - SI7478DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
467Kb / 12P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 16-Feb-09
logo
Vishay Telefunken
SI7478DP TFUNK-SI7478DP Datasheet
299Kb / 12P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7478DP-T1-E3 VISHAY-SI7478DP-T1-E3 Datasheet
467Kb / 12P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 16-Feb-09
SI7478DP-T1-GE3 VISHAY-SI7478DP-T1-GE3 Datasheet
467Kb / 12P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 16-Feb-09
logo
VBsemi Electronics Co.,...
SI7478DP-T1-GE3 VBSEMI-SI7478DP-T1-GE3 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SI7478DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com