Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7478DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7478DP
Description  N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7478DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7478DP Datasheet HTML 1Page - Vishay Siliconix SI7478DP Datasheet HTML 2Page - Vishay Siliconix SI7478DP Datasheet HTML 3Page - Vishay Siliconix SI7478DP Datasheet HTML 4Page - Vishay Siliconix SI7478DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vishay Siliconix
Si7478DP
New Product
Document Number: 72913
S-51566-Rev. B, 07-Nov-05
www.vishay.com
1
N-Channel 60-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
New Low Thermal Resistance PowerPAK®
Package with Low 1.07-mm Profile
100 % Rg Tested
APPLICATIONS
Automotive Such As:
- High-Side Switch
- Motor Drives
- 12-V Boardnet
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)ID (A)
60
0.0075 @ VGS = 10 V
20
0.0088 @ VGS = 4.5 V
18.5
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK SO-8
Bottom View
Ordering Information: Si7478DP-T1—E3 (Lead (Pb)-Free)
N-Channel MOSFET
G
D
S
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. See Solder Profile ( http://www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is
not required to ensure adequate bottom side solder interconnection.
c. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current (TJ = 150°C)
a
TA = 25°C
ID
20
15
A
TA = 70°C
16
12
Pulsed Drain Current
IDM
60
Continuous Source Current (Diode Conduction)a
IS
4.5
1.6
Avalanche Current
IAS
35
Avalanche Energy
EAS
61
mJ
Maximum Power Dissipationa
TA = 25°C
PD
5.4
1.9
W
TA = 70°C
3.4
1.2
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
°C
Soldering Recommendations (Peak Temperature)b, c
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 sec
RthJA
18
23
°C/W
Steady State
52
65
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.0
1.3
RoHS
COMPLIANT


Similar Part No. - SI7478DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
467Kb / 12P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 16-Feb-09
logo
Vishay Telefunken
SI7478DP TFUNK-SI7478DP Datasheet
299Kb / 12P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7478DP-T1-E3 VISHAY-SI7478DP-T1-E3 Datasheet
467Kb / 12P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 16-Feb-09
SI7478DP-T1-GE3 VISHAY-SI7478DP-T1-GE3 Datasheet
467Kb / 12P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 16-Feb-09
logo
VBsemi Electronics Co.,...
SI7478DP-T1-GE3 VBSEMI-SI7478DP-T1-GE3 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SI7478DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com