Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6980 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6980
Description  10-A 12V-Input Dual Output Integrated Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6980 Datasheet(HTML) 1 Page - Texas Instruments

  PT6980 Datasheet HTML 1Page - Texas Instruments PT6980 Datasheet HTML 2Page - Texas Instruments PT6980 Datasheet HTML 3Page - Texas Instruments PT6980 Datasheet HTML 4Page - Texas Instruments PT6980 Datasheet HTML 5Page - Texas Instruments PT6980 Datasheet HTML 6Page - Texas Instruments PT6980 Datasheet HTML 7Page - Texas Instruments PT6980 Datasheet HTML 8Page - Texas Instruments PT6980 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
Dual Outputs
(See Ordering Information)
Ideal Power Source for DSPs
12V Input
Outputs Adjustable
Remote Sensing (Vo1 & Vo2)
Standby Function
Description
The PT6980 Excalibur™ series of
power modules are dual output integrated
switching regulators (ISRs) specifically
designed to power mixed signal ICs.
Operating from a 12-V input bus, the dual
output provides power for both the digital
I/O logic and a DSP core from a single
module. Both output voltages are internally
sequenced during power-up and power-
down to comply with the requirements of
the latest DSP chips. Each output is inde-
pendently adjustable or can be set to at
least one alternative bus voltage with a
simple pin-strap. The modules are made
available in a space-saving solderable case.
The features include output current limit
and short-circuit protection.
Soft-Start
Internal Sequencing
Short Circuit Protection
23-pin Space-Saving Package
Solderable Copper Case
C1 = Req’d 560µF electrolytic
C2 = Req’d 330µF electrolytic
C3 = Optional 100µF electrolytic
PT6980
C
2
+
GND
V
IN
GND
4,5,6
7-11
12-15
18-21
16
C
1
22
C
3
+
23
1
Vo
2 Sense
Vo
1 Sense
3
STBY
Vo
1
Vo
2
PT6980 Series
10-A 12V-Input Dual Output
Integrated Switching Regulator
SLTS154
Revised (10/2/2001)
Ordering Information
PT6981
o = +2.5/1.8 Volts
PT6982
o = +3.3/2.5 Volts
PT6983
o = +3.3/1.8 Volts
PT6984
o = +3.3/1.2 Volts
PT6985
o = +2.5/1.2 Volts
Pin Function
1Vo1 Sense
2
No Connect
3
STBY
4Vin
5Vin
6Vin
7GND
8GND
9GND
10
GND
11
GND
12
Vo1
Pin
Function
13
Vo1
14
Vo1
15
Vo1
16
Vo1 Adjust *
17
No Connect
18
Vo2
19
Vo2
20
Vo2
21
Vo2
22
Vo2 Sense
23
Vo2 Adjust *
* Vo1 and Vo2 can be pin-strapped to another voltage.
See application note on output voltage adjustment.
Pin-Out Information
PT Series Suffix (PT1234x)
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(ELF)
Horizontal
A
(ELG)
SMD
C
(ELH)
(Reference the applicable package code drawing
for the dimensions and PC layout)


Similar Part No. - PT6980

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6982B PTC-PT6982B Datasheet
336Kb / 4P
   High Precision Buck LED Driver
PT6982B-S PTC-PT6982B-S Datasheet
336Kb / 4P
   High Precision Buck LED Driver
PT6983A PTC-PT6983A Datasheet
367Kb / 4P
   High Precision Buck LED Driver
PT6983A-D PTC-PT6983A-D Datasheet
367Kb / 4P
   High Precision Buck LED Driver
PT6983A-S PTC-PT6983A-S Datasheet
367Kb / 4P
   High Precision Buck LED Driver
More results

Similar Description - PT6980

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS102A TI-SLTS102A Datasheet
194Kb / 8P
[Old version datasheet]   14-A 12V-Input Adjustable Integrated Switching Regulator
PT6933 TI-PT6933 Datasheet
169Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6930 TI-PT6930 Datasheet
159Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6936 TI-PT6936 Datasheet
242Kb / 12P
[Old version datasheet]   11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
PT6620 TI-PT6620 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT5060 TI-PT5060 Datasheet
233Kb / 4P
[Old version datasheet]   5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT5020 TI-PT5020 Datasheet
141Kb / 6P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com