Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH2056ETBR Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CH2056ETBR
Description  HIGH SPEED Modem and FAX FAMILY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CH2056ETBR Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CH2056ETBR Datasheet HTML 5Page - List of Unclassifed Manufacturers CH2056ETBR Datasheet HTML 6Page - List of Unclassifed Manufacturers CH2056ETBR Datasheet HTML 7Page - List of Unclassifed Manufacturers CH2056ETBR Datasheet HTML 8Page - List of Unclassifed Manufacturers CH2056ETBR Datasheet HTML 9Page - List of Unclassifed Manufacturers CH2056ETBR Datasheet HTML 10Page - List of Unclassifed Manufacturers CH2056ETBR Datasheet HTML 11Page - List of Unclassifed Manufacturers CH2056ETBR Datasheet HTML 12Page - List of Unclassifed Manufacturers CH2056ETBR Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Cermetek Microelectronics, Inc.
High Speed Modem and FAX Family
2003 Cermetek Microelectronics, Inc.
Page 9
Document No. 607-0003 Revision K3 (09/03)
AT COMMAND APPLICATIONS
Dialing a Phone Number. The Dial command takes
the form Dn, where n is a string of characters. In the
simplest form, n will be only the digits of the phone
number to be dialed.
Example:
Dial Number.
Enter:
ATD1234567<CR>
In response to this command, the HS Modem dials the
telephone number “123-4567” and then waits for a
carrier from the distant modem.
If no carrier is
detected within a given time (the default time is 30
seconds), the HS Modem automatically releases the
line and sends a NO CARRIER result code.
If a
carrier is detected, the HS Modem gives a CONNECT
result
code
and
goes
on-line,
permitting
communication with the distant modem.
The Dial command may also be issued without a
telephone number. ATD causes the modem to pick up
the telephone a line without dialing a number.
Pause During Dialing. When placing a call from an
office with a telephone connected to a PBX, it may be
necessary to dial an access code (usually the digit 9)
to get an outside line.
Inserting a comma in the
telephone number commands the modem to pause for
a specific length of time. The factory default pause
time is 2 seconds.
Example:
Dial 9, pause, dial number.
Enter:
ATDT9, T1234567<CR>
Result:
OK<CR><LF>
Multiple commas may be used for a greater delay
time.
Touch Tone and Pulse Dialing. The modem can use
DTMF (touch-tones) T, or dial pulses P when dialing a
telephone number.
If the dial command does not
specify which type to use, the modem defaults to the
type last specified. The power-on default value is T.
Example:
Pulse dial 9, pause, touch-tone dial
number.
Enter:
ATDP9, T1234567<CR>
Result:
OK<CR><LF>
Redial Last Number. Use A/, the repeat command,
to redial the last telephone number dialed when a busy
signal is received.
Go Off-Hook and Return to Command State. The
modem can be forced to reenter the command state
after going off-hook by issuing the ATDT command
with a semi-colon.
This is useful when using the
modem with an independent DTMF tone generator.
Example:
Touch-tone dial 9, pause, go off-hook,
return for additional AT commands.
Enter:
ATDT9, T;<CR>
Result:
OK<CR><LF>
Automatic Answering.
S0=0*
DO NOT ANSWER TELEPHONE
S0=1-254 ANSWER ON RING 1 TO RING 254
S0=255
ANSWER ON RING 255
*When S0 is set to 0, the modem will not auto-answer.
PHONE LINE CONNECTION GUIDELINES
1.
The HS Modem must be mounted in the final
assembly such that it is isolated from exposure to
any hazardous voltages within the assembly.
Adequate separation and restraint of cables and
cords must be provided.
2.
The circuitry from the HS Modem to the
telephone line interface must be provided in
wiring that carries no other circuitry other than
that specifically allowed in the FCC rules (such as
A and A1 leads).
3.
Connection to phone line should be made
through an RJ-11C jack.
4.
PCB traces from the modem’s RING and TIP pins
to the RJ-11C jack must be 0.1 inch spacing or
greater to one another and 0.2 inch spacing or
greater to all other traces. The traces should
have a nominal width of 0.020 inches or greater.
5.
The RING and TIP PCB traces should be as
short as possible and oriented to prevent
coupling other high speed or high frequency
signals present on the host circuit PCB.
6.
No additional circuitry other than that shown in
Figure 7 may be connected between the modem
module and the RJ-11C jack.
Doing so will
invalidate the FCC approval.
7.
The HS Modem, the RJ-11C jack, the interfacing
circuitry and all PCB traces in between, must be
contained on a PCB with a 94 V-0 flammability
rating.
8.
The supplied FCC registration label must be
applied visibly on the outside of the product.
9.
The product’s User Manual must provide the user
with instructions for connection and use as
recommended in the FCC Registration Section
below.


Similar Part No. - CH2056ETBR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20 MACOM-CH20 Datasheet
220Kb / 2P
   HIGH POWER DUAL DIRECTIONAL COUPLERS
CH20-0032-17G MACOM-CH20-0032-17G Datasheet
103Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
CH20-0032-17G MACOM-CH20-0032-17G Datasheet
237Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler, 824-960 MHz
logo
M/A-COM Technology Solu...
CH20-0032-17G MA-COM-CH20-0032-17G Datasheet
89Kb / 4P
   Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
logo
Tyco Electronics
CH20-0032-17G-RTR MACOM-CH20-0032-17G-RTR Datasheet
103Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
More results

Similar Description - CH2056ETBR

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
FM336 CONEXANT-FM336 Datasheet
85Kb / 14P
   High Performance Fax Modem Family
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
   High-speed fax modem data pump
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
   HIGH SPEED FAX MODEM DATA PUMP
logo
Sanyo Semicon Device
LC8920 SANYO-LC8920 Datasheet
192Kb / 8P
   FAX Modem
logo
List of Unclassifed Man...
XE3386L ETC-XE3386L Datasheet
58Kb / 16P
   Compact 33,600 BPS Data and Fax Modem
logo
Bourns Electronic Solut...
TISP4350T3BJR-S BOURNS-TISP4350T3BJR-S Datasheet
652Kb / 1P
   RJ11 Fax/Modem (FXO)
logo
Samsung semiconductor
KS16112 SAMSUNG-KS16112 Datasheet
513Kb / 69P
   9600/14400 bps FAX MODEM
logo
Murata Manufacturing Co...
SEM910DX MURATA-SEM910DX Datasheet
198Kb / 3P
   High-Speed Spread Spectrum Ethernet Radio Modem Family
SEM2410 MURATA-SEM2410 Datasheet
253Kb / 3P
   High Speed Spread Spectrum Ethernet Radio Modem Family
SEM910 MURATA-SEM910 Datasheet
198Kb / 3P
   High-Speed Spread Spectrum Ethernet Radio Modem Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com