Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

897010 Datasheet(PDF) 1 Page - Littelfuse

Part # 897010
Description  Low Prroffiille MIINII Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

897010 Datasheet(HTML) 1 Page - Littelfuse

  897010 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11
% of
Opening Time
Rating
Minimum
Maximum
110
100 hrs.
—-
135
0.75 s
1800 s
200
0.15 s
5 s
350
0.080 s
0.250 s
600
0.030 s
0.100 s
Interrupting Rating: 1000A @ 32 VDC
Voltage Rating: 32 VDC
Ambient Temp: -40˚C to +125˚C
Time-Current Characteristics
MINI Fuse Table
Current
Part
Rating
Housing
Number
(A)
Color
897002
2
Gray
897003
3
Violet
897004
4
Pink
897005
5
Tan
89707.5
7.5
Brown
897010
10
Red
897015
15
Blue
897020
20
Yellow
897025
25
Natural
897030
30
Green
Low Profile MINI® Fuses
Low Profile MINI® Fuses
New
New
The Low Profile Mini fuse has similar performance characteristics as
the standard Mini fuse. The lower overall height allows for more space
and weight savings. The Low Profile Mini fuse is designed to mate
with tuning-fork terminals, which provides additional weight and materi-
al savings in fuse box designs by eliminating the need for female box
terminals.


Similar Part No. - 897010

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
89705 BELDEN-89705 Datasheet
164Kb / 2P
   RS232/422 Low Cap, #24-5pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
05-05-2023
89705.0081000 BELDEN-89705.0081000 Datasheet
164Kb / 2P
   RS232/422 Low Cap, #24-5pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
05-05-2023
89705.008500 BELDEN-89705.008500 Datasheet
164Kb / 2P
   RS232/422 Low Cap, #24-5pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
05-05-2023
logo
Molex Electronics Ltd.
89707-0001 MOLEX-89707-0001 Datasheet
121Kb / 2P
   CA SMB JACK FAKRA TO MCRF W/1.32 CABLE CA-FAKRA-J/MCRF
2015/12/15
89707-0001 MOLEX-89707-0001 Datasheet
121Kb / 2P
   CASMB JACK FAKRA TO MCRF 1.32 CABLE CA-FAKRA-J/MCRF
2015/12/15
More results

Similar Description - 897010

ManufacturerPart #DatasheetDescription
logo
Littelfuse
895 LITTELFUSE-895 Datasheet
172Kb / 1P
   Low Prroffiille JCASE Fuses
logo
Bourns Electronic Solut...
MF-USML175 BOURNS-MF-USML175 Datasheet
321Kb / 4P
   Low Ohmic PTC Resettable Fuses
MF-NSML BOURNS-MF-NSML Datasheet
391Kb / 4P
   Low Ohmic PTC Resettable Fuses
MF-ASML-X BOURNS-MF-ASML-X Datasheet
627Kb / 6P
   Low Ohmic PTC Resettable Fuses
MF-USML BOURNS-MF-USML Datasheet
484Kb / 4P
   Low Ohmic PTC Resettable Fuses
MF-PSML-X BOURNS-MF-PSML-X Datasheet
760Kb / 7P
   Low Ohmic PTC Resettable Fuses
logo
Littelfuse
0897002 LITTELFUSE-0897002 Datasheet
106Kb / 1P
   Low Profile MINI짰 Fuses Rated 58V
logo
Bourns Electronic Solut...
SF-3812TL-T BOURNS-SF-3812TL-T Datasheet
563Kb / 7P
   Time Lag & Low Power SMD Fuses
logo
Littelfuse
0895020 LITTELFUSE-0895020 Datasheet
156Kb / 1P
   Low Profile JCASE짰 Fuses Rated 58V
logo
Cooper Bussmann, Inc.
LPT-35 COOPER-LPT-35 Datasheet
38Kb / 2P
   Low-Peak Yellow Time Lag Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com