Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

152001 Datasheet(PDF) 1 Page - Littelfuse

Part No. 152001
Description  MAXI Fuse In-Line Fuseholder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

152001 Datasheet(HTML) 1 Page - Littelfuse

  152001 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
29
MAXIFuse In-Line Fuseholder
The In-Line Fuseholder provides an efficient, simple installation
method for MAXIFuse applications.
Specifications
Terminal: Copper Alloy
Body: Black Thermoplastic (UL94HB)
Cover: Translucent Thermoplastic
Ambient Temp.: -10˚C to +80˚C
Maximum number of fuseblocks tied together is two for all ratings, up
to and including 50A.
Fuseholders
Part
Number
Description
152001
Fuseholder-Rated at 60A
152900
Cover
913-653
Ring tongue terminal for 2.5-6mm2 (12-10AWG) wire*
913-654
Ring tongue terminal for 5-10mm2 (10-8 AWG) wire*
913-550
M5 x 8 Screw per DIN 7985-4.8
MAXIFuse In-Line Fuseholder
With Protective Cap
Supplied with two 6” leads -
6 gauge wire for up to 60 amp
MAXIFuse applications,
this In-Line Fuseholder also provides
a protective cover for harsh under-the-hood
environments. Mounting hole also permits
easy bulkhead installation.
Part Number: MAH 1
ATO® Blade Fuse
Splashproof In-Line Fuseholder
The Splashproof Fuseholder provides a protective
cover to permit the use of ATO® Fuses in harsh environments.
Specifications
Body: Black Alcryn Thermoplastic
Cover: Black Alcryn Thermoplastic
Ambient Temp.: -10˚C to +80˚C
Part
Number
Description
FHAC001
#16AWG (1.0mm2 ) stranded black wire with
terminals rated for 20A
FHAC002
#12AWG (3.0mm2 ) stranded orange wire with
terminals rated for 30A
*It is recommended that cross linked polyethelene (GXL) insulated wire
be used, as described in SAE J1128 (Type, FLY in DIN 76722) or
equivalent.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn