Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

895050 Datasheet(PDF) 1 Page - Littelfuse

Part # 895050
Description  Low Prroffiille JCASE Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

895050 Datasheet(HTML) 1 Page - Littelfuse

  895050 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9
Low Profile JCASE® Fuses
Low Profile JCASE® Fuses
New
Current
Part
Rating
Housing
Number
(A)
Color
895020
20
Blue
895025
25
Natural
895030
30
Pink
895040
40
Green
895050
50
Red
895060
60
Yellow
LOW PROFILE JCASE FUSE TABLE
% of
Opening Time
Rating
Minimum
Maximum
100
100 hrs
135
60 s
1800 s
200
4 s
60 s
350
0.2 s
7 s
600
0.04 s
1 s
TIME-CURRENT CHARACTERISTICS
Interrupting Rating: 1000A @ 32 VDC
Voltage Rating: 32 VDC
Ambient Temp
: -40˚C to + 125˚C
The Low Profile Jcase fuse has similar performance characteristics as
the standard Jcase fuse. The lower overall height reduction allows for
more space and weight savings and also allows for a shorter male
blade terminal, saving additional weight and material savings in fuse
box designs.


Similar Part No. - 895050

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
89505 BELDEN-89505 Datasheet
162Kb / 2P
   RS232, #24-5pr, FEP, O/A Foil, FEP Jkt, CMP
01-20-2023
89505.002100 BELDEN-89505.002100 Datasheet
162Kb / 2P
   RS232, #24-5pr, FEP, O/A Foil, FEP Jkt, CMP
01-20-2023
89505.0021000 BELDEN-89505.0021000 Datasheet
162Kb / 2P
   RS232, #24-5pr, FEP, O/A Foil, FEP Jkt, CMP
01-20-2023
More results

Similar Description - 895050

ManufacturerPart #DatasheetDescription
logo
Littelfuse
897 LITTELFUSE-897 Datasheet
244Kb / 1P
   Low Prroffiille MIINII Fuses
logo
Lineage Power Corporati...
0FHJ1001G LINEAGEPOWER-0FHJ1001G Datasheet
409Kb / 2P
   Inline Holder for JCASE??Style Fuses
logo
Littelfuse
0FHJ1001G LITTELFUSE-0FHJ1001G Datasheet
409Kb / 2P
   Inline Holder for JCASE??Style Fuses
0FHJ1001 LITTELFUSE-0FHJ1001_15 Datasheet
1Mb / 2P
   INLINE FUSE HOLDER FOR JCASE STYLE FUSES (Std. & LP)
0FHJ3003U LITTELFUSE-0FHJ3003U_12 Datasheet
102Kb / 1P
   Low Profile JCASE Panel-Mount Fuse Holder
495020 LITTELFUSE-495020 Datasheet
65Kb / 1P
   JCASE Cartridge Fuse
logo
Bourns Electronic Solut...
MF-USML175 BOURNS-MF-USML175 Datasheet
321Kb / 4P
   Low Ohmic PTC Resettable Fuses
MF-NSML BOURNS-MF-NSML Datasheet
391Kb / 4P
   Low Ohmic PTC Resettable Fuses
MF-ASML-X BOURNS-MF-ASML-X Datasheet
627Kb / 6P
   Low Ohmic PTC Resettable Fuses
MF-USML BOURNS-MF-USML Datasheet
484Kb / 4P
   Low Ohmic PTC Resettable Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com