Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

835 Datasheet(PDF) 1 Page - Littelfuse

Part # 835
Description  PC Mount, Shocksafe 5x20mm Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

835 Datasheet(HTML) 1 Page - Littelfuse

  835 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050906
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Holder / No. 830
830
830
830
830
Specifications
Specifications
Specifications
Specifications
Specifications
Standard
Standard
Standard
Standard
Standard
IEC 60127-6
UL 512
CSA C22.2. No.39
Approvals (only 830/835)
Approvals (only 830/835)
Approvals (only 830/835)
Approvals (only 830/835)
Approvals (only 830/835)
VDE: License No. 120623
SEMKO: Certificate No. 9850022
UL Recognized: File No. E 70164
CSA Certified: File No. 47574
Mounting
Mounting
Mounting
Mounting
Mounting
(3) Solder pins 0.5mm x 1.1mm and plastic stud.
The pins spaced at 5.08mm form a common
connection.
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
IP 40 (IEC 60529)
PC2 (IEC 60127-6)
Materials
Materials
Materials
Materials
Materials
Holder/Cap:
Black Thermoplastic
Polyamide PA 6.6, UL94 V-0
Metal Parts:
Copper alloy,
corrosion protected
Terminals:
Solderable, tinned
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage: 250V
Rated Current: 6.3A (VDE/SEMKO)
16A (UL/CSA)
Rated Power:
1.6W (VDE/SEMKO)
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25ºC to +70ºC (consider de-rating)
Climatic T
Climatic T
Climatic T
Climatic T
Climatic Test
est
est
est
est
-25ºC/+70ºC/21 days (IEC 60068-2-1...3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew, maximum value for 30 days - 95%
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (IEC 60068-2-6)
10 - 60Hz at 0.75mm amplitude
60 - 2000Hz at 10g acceleration
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
≤ 5mΩ
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
> 1.5 kV
Impulse Voltage
Impulse Voltage
Impulse Voltage
Impulse Voltage
Impulse Voltage
4 kV, 50 Hz, 1 min., dry
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
> 103 MΩ (500 VDC, 1 min.)
Solderability
Solderability
Solderability
Solderability
Solderability
235ºC, 3 sec. (Wave)
350ºC, 1 sec. (Soldering Iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 5 sec. (IEC 60068-2-20)
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.2mm2
Marking
Marking
Marking
Marking
Marking
830, 250V, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
4.4g (Holder) / 1.6g (835) / 2.2g (837)
Order Information
Order Information
Order Information
Order Information
Order Information
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (100 pcs.)
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Holder
No. 830 0000 000
Cap, Flush Mount No. 835 0000 000
Cap, Finger Grip No. 837 0000 000
Cap / No. 835
835
835
835
835
Cap / No. 837
837
837
837
837
PC Mount, Shocksafe
PC Mount, Shocksafe
PC Mount, Shocksafe
PC Mount, Shocksafe
PC Mount, Shocksafe
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
Flush Mount T
Flush Mount T
Flush Mount T
Flush Mount T
Flush Mount Type
ype
ype
ype
ype
Bayonet-connector-nose
max. 20,6
1,5
Slot for screwdriver
1,2
Slot for screwdriver
Bayonet-connector-nose
max. 29,6
1,2
1,5
Fuse carrier inserted
Bayonet-joint
max. 0,2
5,5
32
Printed circuit board
12,7
7,62
1,8
0,5
∅2 -0,05
Stud
5,08
1,1
Finger Grip T
Finger Grip T
Finger Grip T
Finger Grip T
Finger Grip Type
ype
ype
ype
ype
Holes in printed circuit board: 1,3 + 0,1
Stud
7,62
12,7
Horizontal / 3-Pin
Horizontal / 3-Pin
Horizontal / 3-Pin
Horizontal / 3-Pin
Horizontal / 3-Pin
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.


Similar Part No. - 835

ManufacturerPart #DatasheetDescription
logo
Littelfuse
835 LITTELFUSE-835 Datasheet
179Kb / 1P
   Panel Mount , for 5x20mm Fuses
835 LITTELFUSE-835 Datasheet
83Kb / 1P
   Panel Mount, Shocksafe Snap-In Type, 5x20mm Fuses
835 LITTELFUSE-835 Datasheet
80Kb / 1P
   PC Mount, Shocksafe 5x20mm Fuses
835 LITTELFUSE-835 Datasheet
83Kb / 1P
   PCB mount, vertical for 5x20 mm Fuses
logo
E&E Magnetic Products L...
835-00960F EEMAGNETIC-835-00960F Datasheet
49Kb / 3P
   PXFM, FLYBACK, EP13, 13W, SMT, 10 PIN
More results

Similar Description - 835

ManufacturerPart #DatasheetDescription
logo
Littelfuse
831 LITTELFUSE-831 Datasheet
80Kb / 1P
   PC Mount, Shocksafe 5x20mm Fuses
852 LITTELFUSE-852 Datasheet
80Kb / 1P
   PC Mount, Shocksafe 5x20mm Fuses
862 LITTELFUSE-862 Datasheet
82Kb / 1P
   PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
810 LITTELFUSE-810 Datasheet
83Kb / 1P
   PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
811 LITTELFUSE-811 Datasheet
81Kb / 1P
   PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
813 LITTELFUSE-813 Datasheet
83Kb / 1P
   PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
85500001009 LITTELFUSE-85500001009 Datasheet
93Kb / 1P
   Panel Mount, Shocksafe 5x20mm Fuses
850 LITTELFUSE-850 Datasheet
87Kb / 1P
   Panel Mount, Shocksafe 5x20mm Fuses
820 LITTELFUSE-820 Datasheet
85Kb / 1P
   Panel Mount, Shocksafe 5x20mm Fuses
860 LITTELFUSE-860 Datasheet
82Kb / 1P
   Panel Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com