Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11AA3-MSR2V Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # H11AA3-MSR2V
Description  AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11AA3-MSR2V Datasheet(HTML) 3 Page - Fairchild Semiconductor

  H11AA3-MSR2V Datasheet HTML 1Page - Fairchild Semiconductor H11AA3-MSR2V Datasheet HTML 2Page - Fairchild Semiconductor H11AA3-MSR2V Datasheet HTML 3Page - Fairchild Semiconductor H11AA3-MSR2V Datasheet HTML 4Page - Fairchild Semiconductor H11AA3-MSR2V Datasheet HTML 5Page - Fairchild Semiconductor H11AA3-MSR2V Datasheet HTML 6Page - Fairchild Semiconductor H11AA3-MSR2V Datasheet HTML 7Page - Fairchild Semiconductor H11AA3-MSR2V Datasheet HTML 8Page - Fairchild Semiconductor H11AA3-MSR2V Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1/9/04
Page 3 of 9
© 2004 Fairchild Semiconductor Corporation
AC INPUT/PHOTOTRANSISTOR
OPTOCOUPLERS
H11AA1-M
H11AA2-M
H11AA3-M
H11AA4-M
*Typical values at TA = 25°C
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
Characteristics
Test Conditions
Symbol
Device
Min
Typ*
Max
Units
Current Transfer Ratio,
Collector to Emitter
IF = ±10 mA, VCE = 10 V
CTRCE
H11AA4-M
100
%
H11AA3-M
50
H11AA1-M
20
H11AA2-M
10
Current Transfer Ratio,
Symmetry
IF = ±10 mA, VCE = 10 V (Figure 11)
All
.33
3.0
Saturation Voltage
Collector to Emitter
IF = ±10 mA, ICE = 0.5 mA
VCE(SAT)
All
.40
V
ISOLATION CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ*
Max
Units
Package Capacitance input/output
VI-O = 0, f = 1 MHz
CI-O
0.7
pF
Isolation Voltage
f = 60 Hz, t = 1 sec.
VISO
7500
Vac(pk)
Isolation Resistance
VI-O = 500 VDC
RISO
1011


Similar Part No. - H11AA3-MSR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AA3-M FAIRCHILD-H11AA3-M Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
More results

Similar Description - H11AA3-MSR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AA1 FAIRCHILD-H11AA1 Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA1M FAIRCHILD-H11AA1M Datasheet
511Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA4M FAIRCHILD-H11AA4M Datasheet
261Kb / 10P
   AC Input/Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1-M FAIRCHILD-H11AA1-M_06 Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
MOC256 FAIRCHILD-MOC256 Datasheet
486Kb / 7P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOC256-M FAIRCHILD-MOC256-M Datasheet
105Kb / 7P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com