Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC68030FE33 Datasheet(PDF) 71 Page - Motorola, Inc

Part No. MC68030FE33
Description  ENHANCED 32-BIT MICROPROCESSOR
Download  602 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC68030FE33 Datasheet(HTML) 71 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 71 / 602 page
background image
Data Organization and Addressing Capabilities
MOTOROLA
MC68030 USER’S MANUAL
2-33
It is useful to examine the derived addressing modes available to a programmer (without
regard to the MC68030 effective addressing mode actually encoded) because the
programmer need not be concerned about these decisions. The assembler can choose the
more efficient addressing mode to encode.
In the list of derived addressing modes that follows, common programming terms are used.
The following definitions apply:
pointer
— long-Word value in a register or in memory which represents an
address.
base
— A pointer combined with a displacement to represent an address.
index
— A constant or variable value added into an effective address calcula-
tion. A constant index is a displacement. A variable index is always
represented by a register containing the value.
disp
— Displacement, a constant index.
subscript
— The use of any of the data or address registers as a variable index
subscript into arrays of items 1, 2, 4 or 8 bytes in size.
relative
— An address calculated from the program counter contents. The
address is position independent and is in program space. All other
addresses but psaddr are in data space.
addr
— An absolute address.
psaddr
— An absolute address in program space. All other addresses but PC
relative are in data space.
preindexed
— All modes from absolute address through program counter relative.
postindexed—
Any of the following modes:
addr
— Absolute address in data space
psaddr,ZPC — Absolute address in program space
An
— Register pointer with constant displacement
disp.An
— Register pointer with constant displacement
addr,An
— Absolute address with single variable name
disp,Pc
— Simple PC relative
The addressing modes defined in programming terms, which are derivations of the
addressing modes provided by the MC68030 architecture, are as follows:
Immediate Data — #data:
The data is a constant located in the instruction stream.
Register Direct — Rn:
The contents of a register contain the operand.
Scanning Modes:
(An)+


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn