Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68030FE33 Datasheet(PDF) 38 Page - Motorola, Inc

Part # MC68030FE33
Description  ENHANCED 32-BIT MICROPROCESSOR
Download  602 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68030FE33 Datasheet(HTML) 38 Page - Motorola, Inc

Back Button MC68030FE33 Datasheet HTML 34Page - Motorola, Inc MC68030FE33 Datasheet HTML 35Page - Motorola, Inc MC68030FE33 Datasheet HTML 36Page - Motorola, Inc MC68030FE33 Datasheet HTML 37Page - Motorola, Inc MC68030FE33 Datasheet HTML 38Page - Motorola, Inc MC68030FE33 Datasheet HTML 39Page - Motorola, Inc MC68030FE33 Datasheet HTML 40Page - Motorola, Inc MC68030FE33 Datasheet HTML 41Page - Motorola, Inc MC68030FE33 Datasheet HTML 42Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 602 page
background image
Introduction
MOTOROLA
MC68030 USER’S MANUAL
1-15
1.8 PIPELINED ARCHITECTURE
The MC68030 uses a three-stage pipelined internal architecture to provide for optimum
instruction throughput. The pipeline allows as many as three words of a single instruction or
three consecutive instructions to be decoded concurrently.
1.9 THE CACHE MEMORIES
Due to locality of reference, instructions and data that are used in a program have a high
probability of being reused within a short time. Additionally, instructions and data operands
that reside in proximity to the instructions and data currently in use also have a high
probability of being utilized within a short period. To exploit these locality characteristics, the
MC68030 contains two on-chip logical caches, a data cache, and an instruction cache.
Each of the caches stores 256 bytes of information, organized as 16 entries, each containing
a block of four long words (16 bytes). The processor fills the cache entries either one long
word at a time or, during burst mode accesses, four long words consecutively. The burst
mode of operation not only fills the cache efficiently but also captures adjacent instruction or
data items that are likely to be required in the near future due to locality characteristics of
the executing task.
The caches improve the overall performance of the system by reducing the number of bus
cycles required by the processor to fetch information from memory and by increasing the
bus bandwidth available for other bus masters in the system. Addition of the data cache in
the MC68030 extends the benefits of cache techniques to all memory accesses. During a
write cycle, the data cache circuitry writes data to a cached data item as well as to the item
in memory, maintaining consistency between data in the cache and that in memory.
However, writing data that is not in the cache may or may not cause the data item to be
stored in the cache, depending on the write allocation policy selected in the cache control
register (CACR).


Similar Part No. - MC68030FE33

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68030 MOTOROLA-MC68030 Datasheet
2Mb / 962P
   QUad Integrated Communications Controller Users Manual
MC68030 MOTOROLA-MC68030 Datasheet
497Kb / 19P
   ELECTRICAL SPECIFICATIONS
logo
NXP Semiconductors
MC68030 NXP-MC68030 Datasheet
565Kb / 19P
   ELECTRICAL SPECIFICATIONS
Rev 1
MC68030EC/D NXP-MC68030EC/D Datasheet
565Kb / 19P
   ELECTRICAL SPECIFICATIONS
Rev 1
logo
Motorola, Inc
MC68030 MOTOROLA-MC68030_1 Datasheet
497Kb / 19P
   ELECTRICAL SPECIFICATIONS
More results

Similar Description - MC68030FE33

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
Toshiba Semiconductor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
logo
Digital Core Design
D68000 DCD-D68000 Datasheet
137Kb / 4P
   16/32-bit Microprocessor
logo
NXP Semiconductors
SCC68070 PHILIPS-SCC68070 Datasheet
2Mb / 74P
   16/32-bit microprocessor
November 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com