Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC68030FE33 Datasheet(PDF) 36 Page - Motorola, Inc

Part No. MC68030FE33
Description  ENHANCED 32-BIT MICROPROCESSOR
Download  602 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC68030FE33 Datasheet(HTML) 36 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 36 / 602 page
background image
Introduction
MOTOROLA
MC68030 USER’S MANUAL
1-13
1.6.2 Virtual Machine
A typical use for a virtual machine system is the development of software, such as an
operating system, for a new machine also under development and not yet available for
programming use. In a virtual machine system, a governing operating system emulates the
hardware of the new machine and allows the new software to be executed and debugged
as though it were running on the new hardware. Since the new software is controlled by the
governing operating system, it is executed at a lower privilege level than the governing
operating system. Thus, any attempts by the new software to use virtual resources that are
not physically present (and should be emulated) are trapped to the governing operating
system and performed by its software.
In the MC68030 implementation of a virtual machine, the virtual application runs at the user
privilege level. The governing operating system executes at the supervisor privilege level
and any attempt by the new operating system to access supervisor resources or execute
privileged instructions causes a trap to the governing operating system.
Instruction continuation is used to support virtual I/O devices in memory-mapped input/
output systems. Control and data registers for the virtual device are simulated in the memory
map. An access to a virtual register causes a fault and the function of the register is
emulated by software.
Mnemonic
Description
Mnemonic
Description
cpBcc
cpDBcc
cpGEN
Branch Conditionally
Test Coprocessor Condition,
Decrement and Branch
Coprocessor General Instruction
cpRESTORE
cpSAVE
cpScc
cpTRAPcc
Restore Internal State of Coprocessor
Save Internal State of Coprocessor
Set Conditionally
Trap Conditionally


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn