Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RN4989 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. RN4989
Description  Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN4989 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  RN4989 Datasheet HTML 1Page - Toshiba Semiconductor RN4989 Datasheet HTML 2Page - Toshiba Semiconductor RN4989 Datasheet HTML 3Page - Toshiba Semiconductor RN4989 Datasheet HTML 4Page - Toshiba Semiconductor RN4989 Datasheet HTML 5Page - Toshiba Semiconductor RN4989 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RN4989
2001-06-07
3
Q1 Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 50V, IE = 0
100
Collector cut-off current
ICEO
VCE = 50V, IB = 0
500
nA
Emitter cut-off current
IEBO
VEB = 15V, IC = 0
0.167
0.311
mA
DC current gain
hFE
VCE = 5V, IC = 10mA
70
Collector-emitter saturation voltage
VCE (sat)
IC = 5mA, IB = 0.25mA
0.1
0.3
V
Input voltage (ON)
VI (ON)
VCE = 0.2V, IC = 5mA
2.2
5.8
V
Input voltage (OFF)
VI (OFF)
VCE = 5V, IC = 0.1mA
1.5
2.6
V
Transition frequency
fT
VCE = 10V, IC = 5mA
250
MHz
Collector output capacitance
Cob
VCB = 10V, IE = 0, f = 1 MHz
3
6
pF
Q2 Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = −50V, IE = 0
−100
Collector cut-off current
ICEO
VCE = −50V, IB = 0
−500
nA
Emitter cut-off current
IEBO
VEB = −15V, IC = 0
−0.167
−0.311
mA
DC current gain
hFE
VCE = −5V, IC = −10mA
70
Collector-emitter saturation voltage
VCE (sat)
IC = −5mA, IB = −0.25mA
−0.1
−0.3
V
Input voltage (ON)
VI (ON)
VCE = −0.2V, IC = −5mA
−2.2
−5.8
V
Input voltage (OFF)
VI (OFF)
VCE = −5V, IC = −0.1mA
−1.5
−2.6
V
Transition frequency
fT
VCE = −10V, IC = −5mA
200
MHz
Collector output capacitance
Cob
VCB = −10V, IE = 0
3
6
pF
Q1, Q2 Common Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input resistor
R1
32.9
47
61.1
kΩ
Resistor ratio
R1/R2
1.92
2.14
2.35


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn