Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC6108 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPC6108
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS4)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6108 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPC6108 Datasheet HTML 1Page - Toshiba Semiconductor TPC6108 Datasheet HTML 2Page - Toshiba Semiconductor TPC6108 Datasheet HTML 3Page - Toshiba Semiconductor TPC6108 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPC6108
2004-10-28
2
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cut-off current
IDSS
VDS = −30 V, VGS = 0 V
−10
µA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−30
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 20 V
−15
V
Gate threshold voltage
Vth
VDS = −10 V, ID = − 1 mA
−0.8
−2.0
V
RDS (ON)
VGS = −4.5 V, ID = −2.2 A
75
100
Drain-source ON resistance
RDS (ON)
VGS = −10 V, ID = −2.2 A
50
60
m
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −2.2 A
3.7
7.4
S
Input capacitance
Ciss
570
Reverse transfer capacitance
Crss
75
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
85
pF
Rise time
tr
3.5
Turn-on time
ton
12
Fall time
tf
21
Switching time
Turn-off time
toff
Duty <
= 1%, tw = 10 µs
70
ns
Total gate charge
(gate-source plus gate-drain)
Qg
13
Gate-source charge1
Qgs1
1.8
Gate-drain (“miller”) charge
Qgd
VDD
− −24 V, VGS = −10 V,
ID = −4.5 A
2.5
nC
Source-Drain Ratings and Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
−18
A
Forward voltage (diode)
VDSF
IDR = −4.5 A, VGS = 0 V
1.2
V
TENTATIVE
VDD
− −15 V
−10 V
VGS
0 V
ID = −2.2 A
VOUT


Similar Part No. - TPC6108

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6108 TOSHIBA-TPC6108 Datasheet
227Kb / 7P
   Notebook PC Applications
logo
VBsemi Electronics Co.,...
TPC6108 VBSEMI-TPC6108 Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Toshiba Semiconductor
TPC6108 TOSHIBA-TPC6108_08 Datasheet
227Kb / 7P
   Notebook PC Applications
More results

Similar Description - TPC6108

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8103 TOSHIBA-TPCA8103 Datasheet
254Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS4)
TPCF8104 TOSHIBA-TPCF8104 Datasheet
75Kb / 3P
   TOSHIBA FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOS4)
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
2SK3761 TOSHIBA-2SK3761 Datasheet
89Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com