Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDD50-48T12P Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HDD50-48T12P
Description  DC-DC CONVERTER 50~60W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HDD50-48T12P Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HDD50-48T12P Datasheet HTML 1Page - List of Unclassifed Manufacturers HDD50-48T12P Datasheet HTML 2Page - List of Unclassifed Manufacturers HDD50-48T12P Datasheet HTML 3Page - List of Unclassifed Manufacturers HDD50-48T12P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DC-DC CONVERTER
HDD60 SERIES
50 ~ 60W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
90
-25
Ambient Temperture [℃]
70
60
0
NATURAL
CONVECTION
COOLING
100
MECHANISM & PIN CONFIGURATION
PHYSICAL CHARACTERISTICS
Derating: [TABLE 1]
PIN ASSIGMENT
PIN NO.
SINGLE
DUAL
TRIPLE
1
NO PIN
NO PIN
NO PIN
2 & 3
Vi-
Vi-
Vi-
4 & 5
Vi+
Vi+
Vi+
6
REMOTE ON/OFF CONTROL
7
N.C.
N.C.
N.C.
8
Vo-
SENSER1 -
SENSER1 -
9
Vo-
Vo1 -
Vo1 -
10
Vo+
Vo1 +
Vo1 +
11
Vo+
SENSER1 +
SENSER1 +
12
SENSER-
Vo2 -
Vo2 -
13
Trim
Trim
Com2 & 3
14
SENSER+
Vo2 +
Vo3 +
CASE: HH-P-60
CASE: HH-T
CASE SIZE
88.9 X 140 X 22.4mm
5.5 x 3.5 x 0.88inches
CASE MATERIAL
Metal
WEIGHT
550 g
REMOTE ON / OFF CONTROL
TERMINAL 6 CONTROL
LOGIC COMPATIBILITY : ……..………….OPEN COLLECTOR TTL
CONTROL VOLTAGE. ON +5.5V MIN. OR OPEN CIRCUIT.
OFF ……+1.8V MAX.
CONVERTER SHUTDOWN IDLE CURRENT ………………10 mA
CONTROL COMMON …………………..……INPUT TERMINAL 2
EXTERNAL OUTPUT TRIMMING
12
13
14
10K
12
Trim
Up
13
Trim
Down
14


Similar Part No. - HDD50-48T12P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HDD-0810 AD-HDD-0810_15 Datasheet
2Mb / 6P
   HYBRID VIDEO LOW GLITCH D/A CONVERTER
HDD-1206 AD-HDD-1206 Datasheet
1Mb / 4P
   12-Bit Deglitched Voltage Out D/A Converter
HDD-1206JW AD-HDD-1206JW Datasheet
1Mb / 4P
   12-Bit Deglitched Voltage Out D/A Converter
HDD-1206JWA AD-HDD-1206JWA Datasheet
1Mb / 4P
   12-Bit Deglitched Voltage Out D/A Converter
HDD-1206JWD AD-HDD-1206JWD Datasheet
1Mb / 4P
   12-Bit Deglitched Voltage Out D/A Converter
More results

Similar Description - HDD50-48T12P

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05_15 Datasheet
419Kb / 7P
   60W, AC/DC converter
logo
Delta Electronics, Inc.
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
   60W Single Output DC/DC Converter
logo
List of Unclassifed Man...
P60A ETC1-P60A Datasheet
159Kb / 4P
   60W DC-DC Converter P60A-Series
logo
Delta Electronics, Inc.
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
   60W Reliable Railway DC-DC Converter
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
logo
Delta Electronics, Inc.
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
S24SP24003 DELTA-S24SP24003 Datasheet
632Kb / 5P
   60W Single Output DC/DC Converter
S24SP15004 DELTA-S24SP15004 Datasheet
643Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com