Electronic Components Datasheet Search |
|
V140LA10A Datasheet(PDF) 9 Page - Littelfuse |
|
V140LA10A Datasheet(HTML) 9 Page - Littelfuse |
9 / 11 page 64 www .littelfuse .com Varistor Products SYMBOL PARAMETER MODEL SIZE 7mm 10mm 14mm 20mm P Pitch of Component 12.7 ± 1.0 25.4 ± 1.0 25.4 ± 1.0 25.4 ± 1.0 P0 Feed Hole Pitch 12.7 ± 0.2 12.7 ± 0.2 12.7 ± 0.2 12.7 ± 0.2 P1 Feed Hole Center to Pitch 3.85 ± 0.7 8.85 ± 0.7 8.85 ± 0.7 8.85 ± 0.7 P2 Hole Center to Component Center 6.35 ± 0.7 12.7 ± 0.7 12.7 ± 0.7 12.7 ± 0.7 F Lead to Lead Distance 5.0 ± 0.8 7.5 ± 0.8 7.5 ± 0.8 7.5 ± 0.8 h Component Alignment 2.0 Max 2.0 Max 2.0 Max 2.0 Max W Tape Width 18.0 + 1.0 18.0 - 0.5 18.0 + 1.0 18.0 - 0.5 18.0 + 1.0 18.0 - 0.5 18.0 + 1.0 18.0 - 0.5 W0 Hold Down Tape Width 12.0 ± 0.3 12.0 ± 0.3 12.0 ± 0.3 12.0 ± 0.3 W1 Hole Position 9.0 + 0.75 9.0 - 0.50 9.0 + 0.75 9.0 - 0.50 9.0 + 0.75 9.0 - 0.50 9.0 + 0.75 9.0 - 0.50 W2 Hold Down Tape Position 0.5 Max 0.5 Max 0.5 Max 0.5 Max H Height from Tape Center to Component Base 18.0 + 2.0 18.0 - 0.0 18.0 + 2.0 18.0 - 0.0 18.0 + 2.0 18.0 - 0.0 18.0 + 2.0 18.0 - 0.0 H0 Seating Plane Height 16.0 ± 0.5 16.0 ± 0.5 16.0 ± 0.5 16.0 ± 0.5 H1 Component Height 32.0 Max 36.0 Max 40.0 Max 46.5 Max D0 Feed Hole Diameter 4.0 ± 0.2 4.0 ± 0.2 4.0 ± 0.2 4.0 ± 0.2 t Total Tape Thickness 0.7 ± 0.2 0.7 ± 0.2 0.7 ± 0.2 0.7 ± 0.2 U Under-crimp Width 8.0 Max 8.0 Max p Component Alignment 3o Max 1.00mm 3o Max 1.00mm 3o Max 1.00mm 3o Max NOTE: Dimensions are in mm. 8.0 Max 8.0 Max LA Varistor Series Tape and Reel Data • Conforms to ANSI and EIA specifications • Can be supplied to IEC Publication 286-2 • Radial devices on tape are supplied with crimped leads, straight leads, or under- crimped leads Line Voltage Operation, Radial Lead |
Similar Part No. - V140LA10A |
|
Similar Description - V140LA10A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |