Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAH15016 Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PAH15016
Description  150A Avg 1200~1600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PAH15016 Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PAH15016 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PAH15016 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PAH15016 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PAH15016 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
─ 196 ─
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピークオフ電流
Peak Off-State Current
IDM
Tj=125℃,VDM=VDRM
mA
■電気的特性 Electrical Characteristics
ピークオン電圧
Peak On-State Voltage
VTM
Tj=25℃,ITM=450A
V
トリガゲート電流
Gate Current to Trigger
IGT
VD=6V,IT=1A
mA
mA
mA
トリガゲート電圧
Gate Voltage to Trigger
VGT
VD=6V,IT=1A
V
V
V
非トリガゲート電圧
Gate Non-Trigger Voltage
VGD
Tj=125℃,VD=2/3VDRM
0.25
V
ターンオフ時間
Turn-Off Time
tq
Tj=125℃,ITM=IO,VD=2/3VDRM
dv/dt=20V/μs,
VR=100V,
−di/dt=20A/μs
μs
保持電流
Holding Current
IH
Tj=25℃
mA
熱抵抗
Thermal Resistance
Rth
(j-c)
接合部−ケース間
Junction to Case
℃/W
質量…約480g
1アーム当りの値 Value Per 1 Arm.
Approximate Weight
Tj=−40℃
Tj=
25℃
Tj= 125℃
Tj=−40℃
Tj=
25℃
Tj= 125℃
最小
Min.
標準
Typ.
100
80
50
最大
Max.
1.38
300
150
80
5
3
2
0.25
臨界オフ電圧上昇率
Critical Rate of Rise of Off-State Voltage
dv/dt
Tj=125℃,VD=2/3VDRM
500
V/μs
ラッチング電流
Latching Current
IL
Tj=25℃
mA
120
ターンオン時間
Turn-On Time
tgt
Tj=25℃,VD=2/3VDRM
IG=300mA,diG/dt=0.2A/μs
μs
6
遅れ時間
Delay Time
td
μs
2
立上がり時間
Rise Time
tr
μs
4
接触熱抵抗
Thermal Resistance
Rth
(c-f)
ケース−フィン間,サーマルコンパウンド塗布
Case to Fin, Greased
℃/W
0.1
ピーク逆電流
Peak Reverse Current
IRM
Tj=125℃,VRM=VRRM
mA
50


Similar Part No. - PAH15016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PAH15016 NIEC-PAH15016 Datasheet
261Kb / 5P
   THYRISTOR MODULE
logo
Kyocera Kinseki Corpota...
PAH15016 KSS-PAH15016 Datasheet
970Kb / 3P
   Thyristor
More results

Similar Description - PAH15016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT150S12 NIEC-PT150S12_1 Datasheet
283Kb / 2P
   150A Avg 1200 1600 Volts
PC15012 NIEC-PC15012_1 Datasheet
169Kb / 2P
   150A Avg 1200 1600 Volts
PD150S16 NIEC-PD150S16 Datasheet
127Kb / 2P
   150A Avg 1600 Volts
PD15116 NIEC-PD15116_1 Datasheet
26Kb / 1P
   150A Avg 1600 Volts
PDT15116 NIEC-PDT15116_1 Datasheet
412Kb / 3P
   150A Avg 1600 Volts
PD150KN16 NIEC-PD150KN16 Datasheet
160Kb / 2P
   DIODE 150A Avg 1600 Volts
PDT6012 NIEC-PDT6012_1 Datasheet
253Kb / 4P
   60A Avg 1200~1600 Volts
PDT10012 NIEC-PDT10012_1 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
PT200S12 NIEC-PT200S12_1 Datasheet
123Kb / 2P
   200A Avg 1200~1600 Volts
PT76S12 NIEC-PT76S12_1 Datasheet
117Kb / 2P
   75A Avg 1200 1600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com