Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSDM0265RNB Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FSDM0265RNB
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDM0265RNB Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSDM0265RNB Datasheet HTML 1Page - Fairchild Semiconductor FSDM0265RNB Datasheet HTML 2Page - Fairchild Semiconductor FSDM0265RNB Datasheet HTML 3Page - Fairchild Semiconductor FSDM0265RNB Datasheet HTML 4Page - Fairchild Semiconductor FSDM0265RNB Datasheet HTML 5Page - Fairchild Semiconductor FSDM0265RNB Datasheet HTML 6Page - Fairchild Semiconductor FSDM0265RNB Datasheet HTML 7Page - Fairchild Semiconductor FSDM0265RNB Datasheet HTML 8Page - Fairchild Semiconductor FSDM0265RNB Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
FSDM0265RNB
4
Absolute Maximum Ratings
(Ta=25
°C, unless otherwise specified)
Note:
1. Repetitive rating: Pulse width is limited by maximum junction temperature
2. L = 51mH, starting Tj = 25
°C
Thermal Impedance
(Ta=25
°C, unless otherwise specified)
Note:
1. Free standing with no heatsink; Without copper clad.
/ Measurement Condition : Just before junction temperature TJ enters into OTP.
2. Measured on the DRAIN pin close to plastic interface.
3. Measured on the PKG top surface.
- all items are tested with the standards JESD 51-2 and 51-10 (DIP).
Characteristic
Symbol
Value
Unit
Drain Pin Voltage
VDRAIN
650
V
Vstr Pin Voltage
VSTR
650
V
Drain Current Pulsed(1)
IDM
8.0
A
Single Pulsed Avalanche Energy(2)
EAS
68
mJ
Supply Voltage
VCC
20
V
Feedback Voltage Range
VFB
-0.3 to VCC
V
Total Power Dissipation
PD
1.56
W
Operating Junction Temperature
TJ
Internally limited
°C
Operating Ambient Temperature
TA
-25 to +85
°C
Storage Temperature
TSTG
-55 to +150
°C
Parameter
Symbol
Value
Unit
8DIP
Junction-to-Ambient Thermal(1)
θJA
79.64
°C/W
Junction-to-Case Thermal(2)
θJC
18.20
°C/W
Junction-to-Top Thermal(3)
ψJT
34.30
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn