Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDL0365RNB Datasheet(PDF) 16 Page - Fairchild Semiconductor

Part # FSDL0365RNB
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDL0365RNB Datasheet(HTML) 16 Page - Fairchild Semiconductor

Back Button FSDL0365RNB Datasheet HTML 12Page - Fairchild Semiconductor FSDL0365RNB Datasheet HTML 13Page - Fairchild Semiconductor FSDL0365RNB Datasheet HTML 14Page - Fairchild Semiconductor FSDL0365RNB Datasheet HTML 15Page - Fairchild Semiconductor FSDL0365RNB Datasheet HTML 16Page - Fairchild Semiconductor FSDL0365RNB Datasheet HTML 17Page - Fairchild Semiconductor FSDL0365RNB Datasheet HTML 18Page - Fairchild Semiconductor FSDL0365RNB Datasheet HTML 19Page - Fairchild Semiconductor FSDL0365RNB Datasheet HTML 20Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
FSDL0365RNB, FSDM0365RNB
16
6. Demo Circuit Part List
Part
Value
Note
Part
Value
Note
Resistor
Inductor
R102
56K
1W
L203
10uH
-
R103
5
1/4W
L205
10uH
-
R104
39K
1/4W
L206
4.7uH
-
R105
200K
1/4W
L207
4.7uH
-
R106
300K
1/4W
Diode
R201
510
1/4W
D101
UF4007
PN Ultra Fast
R202
1K
1/4W
D102
UF4004
PN Ultra Fast
R203
6.2 K
1/4W
D103
UF4004
PN Ultra Fast
R204
20K
1/4W
D203
EGP20D
PN Ultra Fast
R205
6K
1/4W
D204
EGP20D
PN Ultra Fast
Capacitor
D205
SB360
Schottky
C101
100nF/275AC
Box
D207
SB360
Schottky
C102
100nF/275AC
Box
IC
C103
47uF/400V
Electrolytic
IC101
FSDM0365RNB
FPS™
C104
3.3nF/630V
Film
IC301
KA431(TL431)
Voltage
reference
C106
47uF/50V
Electrolytic
IC302
FOD817A
Opto-Coupler
C107
47nF/50V
Ceramic
C108
1uF/100V
Electrolytic
Fuse
C205
470uF/35V
Electrolytic
FUSE
2A/250V
C206
470uF/35V
Electrolytic
C207
470uF/35V
Electrolytic
NTC
C208
470uF/35V
Electrolytic
RT101
5D-9
C209
1000uF/10V
Electrolytic
C210
1000uF/10V
Electrolytic
Bridge Diode
C213
1000uF/10V
Electrolytic
BD101
2KBP06M 2N257
Bridge Diode
C214
1000uF/10V
Electrolytic
C215
100nF/50V
Ceramic
Line Filter
C302
2.2nF
AC Ceramic
LF101
55mH
-


Similar Part No. - FSDL0365RNB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDL0365RN FAIRCHILD-FSDL0365RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0365RN FAIRCHILD-FSDL0365RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0365RN FAIRCHILD-FSDL0365RN Datasheet
914Kb / 20P
   Green Mode Fairchild Power Switch (FPS TM)
FSDL0365RN FAIRCHILD-FSDL0365RN Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0365RN FAIRCHILD-FSDL0365RN Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
More results

Similar Description - FSDL0365RNB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com