Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSD210B Datasheet(PDF) 12 Page - Fairchild Semiconductor

Part # FSD210B
Description  Green Mode Fairchild Power Switch (FPS)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSD210B Datasheet(HTML) 12 Page - Fairchild Semiconductor

Back Button FSD210B Datasheet HTML 8Page - Fairchild Semiconductor FSD210B Datasheet HTML 9Page - Fairchild Semiconductor FSD210B Datasheet HTML 10Page - Fairchild Semiconductor FSD210B Datasheet HTML 11Page - Fairchild Semiconductor FSD210B Datasheet HTML 12Page - Fairchild Semiconductor FSD210B Datasheet HTML 13Page - Fairchild Semiconductor FSD210B Datasheet HTML 14Page - Fairchild Semiconductor FSD210B Datasheet HTML 15Page - Fairchild Semiconductor FSD210B Datasheet HTML 16Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
FSD210B, FSD200B
12
Application Tips
1. Methods of Reducing Audible Noise
Switching mode power converters have electronic and
magnetic components, which generate audible noises when
the operating frequency is in the range of 20~20,000 Hz.
Even though they operate above 20 kHz, they can make
noise depending on the load condition. Designers can
employ several methods to reduce these noises. Here are
three of these methods:
Glue or Varnish
The most common method involves using glue or varnish
to tighten magnetic components. The motion of core, bobbin
and coil and the chattering or magnetostriction of core can
cause the transformer to produce audible noise. The use of
rigid glue and varnish helps reduce the transformer noise.
But, it also can crack the core. This is because sudden
changes in the ambient temperature cause the core and the
glue to expand or shrink in a different ratio according to the
temperature.
Ceramic Capacitor
Using a film capacitor instead of a ceramic capacitor as a
snubber capacitor is another noise reduction solution. Some
dielectric materials show a piezoelectric effect depending on
the electric field intensity. Hence, a snubber capacitor
becomes one of the most significant sources of audible
noise. It is considerable to use a zener clamp circuit instead
of an RCD snubber for higher efficiency as well as lower
audible noise.
Adjusting Sound Frequency
Moving the fundamental frequency of noise out of 2~4 kHz
range is the third method. Generally, humans are more sensi-
tive to noise in the range of 2~4 kHz. When the fundamental
frequency of noise is located in this range, one perceives the
noise as louder although the noise intensity level is identical.
Refer to Figure 16. Equal Loudness Curves.
When FPS acts in Burst mode and the Burst operation is
suspected to be a source of noise, this method may be help-
ful. If the frequency of Burst mode operation lies in the
range of 2~4 kHz, adjusting feedback loop can shift the
Burst operation frequency. In order to reduce the Burst oper-
ation frequency, increase a feedback gain capacitor (CF),
opto-coupler supply resistor (RD) and feedback capacitor
(CB) and decrease a feedback gain resistor (RF) as shown in
Figure 17. Typical Feedback Network of FPS.
Figure 16. Equal Loudness Curves
Figure 17. Typical Feedback Network of FPS
2. Other Reference Materials
AN-4134: Design Guidelines for Off-line Forward Convert-
ers Using Fairchild Power Switch (FPSTM)
AN-4137: Design Guidelines for Off-line Flyback Convert-
ers Using Fairchild Power Switch (FPS)
AN-4138: Design Considerations for Battery Charger Using
Green Mode Fairchild Power Switch (FPSTM)
AN-4140: Transformer Design Consideration for Off-line
Flyback Converters using Fairchild Power Switch
(FPSTM)
AN-4141: Troubleshooting and Design Tips for Fairchild
Power Switch (FPSTM) Flyback Applications
AN-4147: Design Guidelines for RCD Snubber of Flyback
AN-4148: Audible Noise Reduction Techniques for FPS
Applications


Similar Part No. - FSD210B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSD210B FAIRCHILD-FSD210B Datasheet
534Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSD210B FAIRCHILD-FSD210B Datasheet
730Kb / 15P
   Green Mode Fairchild Power Switch
FSD210BM FAIRCHILD-FSD210BM Datasheet
534Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSD210BM FAIRCHILD-FSD210BM Datasheet
730Kb / 15P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSD210B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com