Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSD210B Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FSD210B
Description  Green Mode Fairchild Power Switch (FPS)
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSD210B Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSD210B Datasheet HTML 1Page - Fairchild Semiconductor FSD210B Datasheet HTML 2Page - Fairchild Semiconductor FSD210B Datasheet HTML 3Page - Fairchild Semiconductor FSD210B Datasheet HTML 4Page - Fairchild Semiconductor FSD210B Datasheet HTML 5Page - Fairchild Semiconductor FSD210B Datasheet HTML 6Page - Fairchild Semiconductor FSD210B Datasheet HTML 7Page - Fairchild Semiconductor FSD210B Datasheet HTML 8Page - Fairchild Semiconductor FSD210B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
FSD210B, FSD200B
4
Absolute Maximum Ratings
(Ta=25
°C, unless otherwise specified)
Thermal Impedance
(Ta=25
°C, unless otherwise specified)
Note:
1. Free standing with no heatsink. / Measurement Condition : Just before junction temperature TJ enters into OTP.
2. Measured on the DRAIN pin close to plastic interface.
3. Soldered to 100mm2 copper clad.
4. Soldered to 300mm2 copper clad.
5. Without copper clad.
- all items are tested with the standards JESD 51-2, 51-3 (SOP) and 51-10 (DIP).
Characteristic
Symbol
Value
Unit
Drain Pin Voltage
7DIP
VDRAIN
700
V
Vstr Pin Voltage
VSTR
700
V
Total Power Dissipation
PD
1.68
W
Drain Pin Voltage
7LSOP
VDRAIN
670
V
Vstr Pin Voltage
VSTR
670
V
Total Power Dissipation
PD
1.45
W
Supply Voltage
FSD200B
VCC
10
V
Feedback Voltage Range
VFB
-0.3 to VCC
V
Supply Voltage
FSD210B
VCC
20
V
Feedback Voltage Range
VFB
-0.3 to VSTOP
V
Operating Junction Temperature
TJ
Internally limited
°C
Operating Ambient Temperature
TA
-25 to +85
°C
Storage Temperature
TSTG
-55 to +150
°C
Parameter
Symbol
Value
Unit
7DIP
Junction-to-Ambient Thermal(1)
θJA(3)
74.07
°C/W
θJA(4)
60.44
°C/W
Junction-to-Case Thermal(2)
θJC
22.00
°C/W
7LSOP
Junction-to-Ambient Thermal(1)
θJA(5)
86.02
°C/W
Junction-to-Case Thermal(2)
θJC
27.72
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn