Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCQ Datasheet(PDF) 12 Page - Fairchild Semiconductor

Part # FSCQ
Description  Green Mode Fairchild Power Switch (FPS)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ Datasheet(HTML) 12 Page - Fairchild Semiconductor

Back Button FSCQ Datasheet HTML 8Page - Fairchild Semiconductor FSCQ Datasheet HTML 9Page - Fairchild Semiconductor FSCQ Datasheet HTML 10Page - Fairchild Semiconductor FSCQ Datasheet HTML 11Page - Fairchild Semiconductor FSCQ Datasheet HTML 12Page - Fairchild Semiconductor FSCQ Datasheet HTML 13Page - Fairchild Semiconductor FSCQ Datasheet HTML 14Page - Fairchild Semiconductor FSCQ Datasheet HTML 15Page - Fairchild Semiconductor FSCQ Datasheet HTML 16Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
FSCQ-SERIES
12
Electrical Characteristics
-50
0
50
100
150
0.90
0.95
1.00
1.05
1.10
Extended QR Enable Freqency
Temp[℃]
-5 0
0
50
1 0 0
1 50
0.9 0
0.9 5
1.0 0
1.0 5
1.1 0
Tem p [℃ ]
P u lse -b y -p u lse C u rr en t L im it
-5 0
0
50
100
150
0.9 0
0.9 5
1.0 0
1.0 5
1.1 0
Te m p [℃ ]
E x te nd e d Q R D isa b le F r e que nc y


Similar Part No. - FSCQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCQ FAIRCHILD-FSCQ Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS??
FSCQ0565RT FAIRCHILD-FSCQ0565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ0565RT FAIRCHILD-FSCQ0565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS??
FSCQ0565RTYDTU FAIRCHILD-FSCQ0565RTYDTU Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ0565RTYDTU FAIRCHILD-FSCQ0565RTYDTU Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS??
More results

Similar Description - FSCQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com